Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15059 Datasheet HTML 2Page - Maxim Integrated Products MAX15059 Datasheet HTML 3Page - Maxim Integrated Products MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products MAX15059 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 ______________________________________________________________________________________
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Typical Operating Characteristics (continued)
(VIN = 3.3V, VOUT = 70V, TA = +25°C, unless otherwise noted.)
BIAS CURRENT vs. BIAS VOLTAGE
BIAS VOLTAGE (V)
70
60
50
40
30
20
10
0.1
1
10
0.01
0
80
IAPD = 2mA
IAPD = 500nA
APD CURRENT (mA)
1
0.1
0.01
0.001
0.1
1
10
0.01
0.0001
10
BIAS CURRENT vs. APD CURRENT
VBIAS = 70V
BIAS CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-15
10
35
60
1
10
0.1
-40
85
IAPD = 500nA
IAPD = 2mA
GAIN ERROR vs. APD CURRENT
IAPD (µA)
1000
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
10,000
VBIAS = 70V
GAIN ERROR vs. TEMPERATURE
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
-2.0
TEMPERATURE (°C)
-15
10
35
60
-40
85
IAPD = 500µA
IAPD = 2mA
IAPD = 50µA
IAPD = 5µA
IAPD = 0.5µA
GAIN ERROR vs. APD CURRENT
IAPD (µA)
1000
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
10,000
VBIAS = 70V
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
-2.0
-40
85
IAPD = 2mA
IAPD = 0.5µA
IAPD = 500µA
IAPD = 50µA
IAPD = 5µA
GAIN ERROR vs. BIAS VOLTAGE
BIAS VOLTAGE (V)
70
60
40
50
30
20
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
-2.0
10
80
IAPD = 2mA
IAPD = 5µA
IAPD = 500µA
IAPD = 50µA
IAPD = 0.5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com