Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products MAX15059 Datasheet HTML 10Page - Maxim Integrated Products MAX15059 Datasheet HTML 11Page - Maxim Integrated Products MAX15059 Datasheet HTML 12Page - Maxim Integrated Products MAX15059 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
_______________________________________________________________________________________ 9
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Pin Description
Pin Configuration
15
16
14
13
6
5
7
EP
1
2
LX
4
12
11
9
LX
PGND
SGND
ILIM
CNTRL
FB
MAX15059
3
10
BIAS
TQFN
+
TOP VIEW
8
PIN
NAME
FUNCTION
1, 16
PGND
Power Ground. Connect the negative terminals of the input and output capacitors to PGND. Connect
PGND externally to SGND at a single point, typically at the return terminal of the output capacitor.
2
IN
Input-Supply Voltage. Bypass IN to PGND with a ceramic capacitor of 1FF minimum value.
3
SHDN
Active-Low Shutdown Control Input. Apply a logic-low voltage to SHDN to shut down the device.
Connect SHDN to IN for normal operation. Ensure that VSHDN is not greater than the input voltage, VIN.
SHDN is internally pulled low. The converter is disabled when SHDN is left unconnected.
4, 8
SGND
Signal Ground. Connect directly to the local ground plane. Connect SGND to PGND at a single point,
typically near the return terminal of the output capacitor.
5
FB
Feedback Regulation Input. Connect FB to the center tap of a resistive voltage-divider from the boost
output to SGND to set the output voltage. The FB voltage regulates to 1.23V (typ) when VCNTRL is
above 1.3V (typ) and to VCNTRL when VCNTRL is below 1.2V (typ).
6
CNTRL
Control Input for Boost Converter Output-Voltage Programmability. CNTRL allows the feedback set-point
voltage to be set externally by CNTRL when CNTRL is less than 1.2V. Pull CNTRL above 1.3V (typ) to
use the internal 1.23V (typ) feedback set-point voltage.
7
ILIM
Open-Drain Current-Limit Indicator. ILIM asserts low when the APD current limit has been exceeded.
9
RLIM
Current-Limit Resistor Connection. Connect a resistor from RLIM to SGND to program the APD current-
limit threshold. When RLIM is connected to SGND, the current limit is set to 4.6mA.
10
MOUT
Current-Monitor Output. For the MAX15059A, MOUT sources a current equal to IAPD. For the
MAX15059B, MOUT sources a current equal to 1/5 of IAPD.
11
CLAMP
Clamp Voltage Input. CLAMP is the external potential used for voltage clamping of MOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com