Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15059 Datasheet HTML 1Page - Maxim Integrated Products MAX15059 Datasheet HTML 2Page - Maxim Integrated Products MAX15059 Datasheet HTML 3Page - Maxim Integrated Products MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
_______________________________________________________________________________________ 5
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Typical Operating Characteristics (continued)
(VIN = 3.3V, VOUT = 70V, TA = +25°C, unless otherwise noted.)
LOAD-TRANSIENT RESPONSE
MAX15059 toc10
VBIAS
(AC-COUPLED)
500mV/div
100
µs/div
IAPD
2mA/div
0mA
LINE-TRANSIENT RESPONSE
MAX15059 toc11
VBIAS
(AC-COUPLED)
50mV/div
100
µs/div
VIN
2V/div
3.3V
LX LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
1
2
3
4
5
6
7
8
9
10
0
60
35
10
-15
-40
85
CURRENT INTO LX PINS
VLX = 70V
LOAD REGULATION
LOAD CURRENT (mA)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
4.0
MAXIMUM LOAD CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
10
20
30
40
50
60
70
80
90
100
0
2.5
5.5
A: VOUT = 30V, B: VOUT = 35V, C: VOUT = 45V,
D: VOUT = 55V, E: VOUT = 60V, F: VOUT = 70V
A
F
E
D
B
C
LIGHT-LOAD SWITCHING WAVEFORMS
WITH RC FILTER
MAX15059 toc08
IL
500mA/div
VLX
50V/div
VBIAS
(AC-COUPLED)
20mV/div
1
µs/div
HEAVY-LOAD SWITCHING WAVEFORMS
WITH RC FILTER
MAX15059 toc09
IL
1A/div
VLX
50V/div
VBIAS
(AC-COUPLED)
50mV/div
1
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com