Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15059 Datasheet HTML 1Page - Maxim Integrated Products MAX15059 Datasheet HTML 2Page - Maxim Integrated Products MAX15059 Datasheet HTML 3Page - Maxim Integrated Products MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
_______________________________________________________________________________________ 3
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VSHDN = VCNTRL = 3.3V, CIN = 1FF, VPGND = VSGND = 0V, VBIAS = 40V, LX = APD = CLAMP = ILIM = unconnected, VMOUT
= 0V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: All MIN/MAX parameters are tested at TA = +25NC. Limits overtemperature are guaranteed by design.
Note 3: Guaranteed by design and not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CNTRL-to-REF Transition
Threshold
VFB = VREF above this voltage
1.3
V
CNTRL Input-Bias Current
VCNTRL = VFB_SET, TA = +25NC
500
nA
CURRENT MONITOR
Bias Voltage Range
VBIAS
10
76
V
Bias Quiescent Current
IBIAS
IAPD = 500nA
MAX15059A
150
250
F
A
MAX15059B
150
250
IAPD = 2mA
MAX15059A
4
6
mA
MAX15059B
3
4
Voltage Drop
VDROP
IAPD = 2mA, VDROP = VBIAS - VAPD
2.7
3.5
V
Dynamic Output Resistance at
MOUT
RMOUT
RMOUT = DVMOUT/DIMOUT,
IAPD = 2.5mA
MAX15059A
5
GI
APD Current-Step Response
Step load on IAPD = 20FA to 1mA
25
ns
MOUT Output Leakage
1
nA
Output Clamp Voltage
VMOUT -
VCLAMP
Forward diode current = 500FA
0.45
0.7
0.95
V
Output Clamp Leakage Current
VBIAS = VCLAMP = 76V
1
nA
MOUT Voltage Range
VMOUT
10V P VBIAS P 76V, 0 P IAPD P 1mA, CLAMP
is unconnected
VBIAS -
2.7
V
Current Gain
IMOUT/IAPD
IAPD = 500nA
MAX15059A
0. 95
1
1.1
mA/mA
MAX15059B
0.19
0.2
0.22
IAPD = 2mA
MAX15059A
0.965
1
1.035
MAX15059B
0.193
0.2
0.207
Power-Supply Rejection Ratio
PSRR
(DIMOUT/IMOUT)/DVBIAS,
VBIAS = 10V to 76V and IAPD
= 5FA to 1mA (Note 3)
MAX15059A
35
300
610
ppm/V
MAX15059B
35
300
700
APD Input Current Limit
ILIM_APD
4
4.6
5.2
mA
Current-Limit Adjustment Range
9.75kI R RLIM R 0
0.9
5.2
mA
Power-Up Settling Time
tS
IMOUT settles to within 0.1%,
10nF connected from APD to
ground
IAPD = 500nA
7.5
ms
IAPD = 2.5mA
90
F
s
LOGIC I/O
SHDN Input Voltage Low
VIL
0.8
V
SHDN Input Voltage High
VIH
2.1
V
ILIM Output Voltage Low
VOL
ILIM = 2mA
0.1
V
ILIM Output Leakage Current
IOH
TA = +25NC
1
F
A
THERMAL PROTECTION
Thermal-Shutdown Temperature
Temperature rising
+150
N
C
Thermal-Shutdown Hysteresis
15
N
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com