Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1XK50 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F1XK50
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1XK50 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F1XK50 Datasheet HTML 1Page - Microchip Technology PIC18F1XK50 Datasheet HTML 2Page - Microchip Technology PIC18F1XK50 Datasheet HTML 3Page - Microchip Technology PIC18F1XK50 Datasheet HTML 4Page - Microchip Technology PIC18F1XK50 Datasheet HTML 5Page - Microchip Technology PIC18F1XK50 Datasheet HTML 6Page - Microchip Technology PIC18F1XK50 Datasheet HTML 7Page - Microchip Technology PIC18F1XK50 Datasheet HTML 8Page - Microchip Technology PIC18F1XK50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 422 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41350D-page 3
PIC18F/LF1XK50
Universal Serial Bus Features:
• USB V2.0 Compliant SIE
• Full Speed (12 Mb/s) and Low Speed (1.5 Mb/s)
• Supports Control, Interrupt, Isochronous and
Bulk Transfers
• Supports up to 16 Endpoints (8 bidirectional)
• 256-byte Dual Access RAM for USB
• Input-change interrupt on D+/D- for detecting
physical connection to USB host
High Performance RISC CPU:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
- 256 bytes, data EEPROM
- Up to 16 Kbytes linear program memory
addressing
- Up to 768 bytes linear data memory
addressing
• Priority levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
Flexible Oscillator Structure:
• CPU divider to run the core slower than the USB
peripheral
• 16 MHz Internal Oscillator Block:
- Software selectable frequencies, 31 kHz to
16 MHz
- Provides a complete range of clock speeds
from 31 kHz to 32 MHz when used with PLL
- User tunable to compensate for frequency
drift
• Four Crystal modes, up to 48 MHz
• External Clock modes, up to 48 MHz
• 4X Phase Lock Loop (PLL)
• Secondary oscillator using Timer1 at 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if primary or second-
ary oscillator stops
• Two-speed Oscillator Start-up
Special Microcontroller Features:
• Full 5.5V Operation – PIC18F1XK50
• 1.8V-3.6V Operation – PIC18LF1XK50
• Self-programmable under Software Control
• Programmable Brown-out Reset (BOR)
- With software enable option
• Extended Watchdog Timer (WDT)
- Programmable period from 4ms to 131s
• Single-supply 3V In-Circuit Serial Programming™
(ICSP™) via two pins
Extreme Low-Power Management
PIC18LF1XK50 with nanoWatt XLP:
• Sleep mode: 24 nA
• Watchdog Timer: 450 nA
• Timer1 Oscillator: 790 nA @ 32 kHz
Analog Features:
• Analog-to-Digital Converter (ADC) module:
- 10-bit resolution, 9 external channels
- Auto acquisition capability
- Conversion available during Sleep
- Internal 1.024V Fixed Voltage Reference
(FVR) channel
- Independent input multiplexing
• Dual Analog Comparators
- Rail-to-rail operation
- Independent input multiplexing
• Voltage Reference module:
- Programmable (% of VDD), 16 steps
- Two 16-level voltage ranges using VREF pins
- Programmable Fixed Voltage Reference
(FVR), 3 levels
• On-chip 3.2V LDO Regulator – (PIC18F1XK50)
Peripheral Highlights:
• 14 I/O Pins plus 1 Input-only pin:
- High-current sink/source 25 mA/25 mA
- 7 Programmable weak pull-ups
- 7 Programmable Interrupt-on-change pins
- 3 programmable external interrupts
- Programmable slew rate
• Enhanced Capture/Compare/PWM (ECCP)
module:
- One, two, three, or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and Auto-restart
• Master Synchronous Serial Port (MSSP) module:
- 3-wire SPI (supports all 4 modes)
-I2C™ Master and Slave modes (Slave mode
address masking)
• Enhanced Universal Synchronous Asynchro-
nous Receiver Transmitter (EUSART) module:
- Supports RS-485, RS-232 and LIN 2.0
- RS-232 operation using internal oscillator
- Auto-Baud Detect
- Auto-Wake-up on Break
• SR Latch mode
20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com