Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1XK50 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC18F1XK50
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1XK50 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC18F1XK50 Datasheet HTML 14Page - Microchip Technology PIC18F1XK50 Datasheet HTML 15Page - Microchip Technology PIC18F1XK50 Datasheet HTML 16Page - Microchip Technology PIC18F1XK50 Datasheet HTML 17Page - Microchip Technology PIC18F1XK50 Datasheet HTML 18Page - Microchip Technology PIC18F1XK50 Datasheet HTML 19Page - Microchip Technology PIC18F1XK50 Datasheet HTML 20Page - Microchip Technology PIC18F1XK50 Datasheet HTML 21Page - Microchip Technology PIC18F1XK50 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 422 page
background image
PIC18F/LF1XK50
DS41350D-page 18
Preliminary
 2010 Microchip Technology Inc.
FIGURE 2-3:
CERAMIC RESONATOR
OPERATION
(XT OR HS MODE)
2.3.3
EXTERNAL RC
The External Resistor-Capacitor (RC) mode supports
the use of an external RC circuit. This allows the
designer maximum flexibility in frequency choice while
keeping costs to a minimum when clock accuracy is not
required. In RC mode, the RC circuit connects to OSC1,
allowing OSC2 to be configured as an IO or as
CLKOUT. The CLKOUT function is selected by the
FOSC bits of the CONFIG1H Configuration register.
When OSC2 is configured as CLKOUT, the frequency
at the pin is the frequency of the RC oscillator divided by
4. Figure 2-4 shows the external RC mode connections.
FIGURE 2-4:
EXTERNAL RC MODES
The RC oscillator frequency is a function of the supply
voltage, the resistor REXT, the capacitor CEXT and the
operating temperature. Other factors affecting the
oscillator frequency are:
• Input threshold voltage variation
• Component tolerances
• Variation in capacitance due to packaging
2.3.4
EXTERNAL CLOCK
The External Clock (EC) mode allows an externally
generated logic level clock to be used as the system’s
clock source. When operating in this mode, the
external clock source is connected to the OSC1
allowing OSC2 to be configured as an I/O or as
CLKOUT. The CLKOUT function is selected by the
FOSC bits of the CONFIG1H Configuration register.
When OSC2 is configured as CLKOUT, the frequency
at the pin is the frequency of the EC oscillator divided
by 4.
Three different power settings are available for EC
mode. The power settings allow for a reduced IDD of the
device, if the EC clock is known to be in a specific
range. If there is an expected range of frequencies for
the EC clock, select the power mode for the highest
frequency.
EC
Low power
0 – 250 kHz
EC
Medium power 250 kHz – 4 MHz
EC
High power
4 – 48 MHz
2.4
Secondary External Oscillator
The Secondary External Oscillator is designed to drive
an external 32.768 kHz crystal. This oscillator is
enabled or disabled by the T1OSCEN bit of the T1CON
register. See Section 11.0 “Timer1 Module” for more
information.
Note 1: A series resistor (RS) may be required for
ceramic resonators with low drive level.
2: The value of RF varies with the Oscillator mode
selected (typically between 2 M
 to 10 M.
3: An additional parallel feedback resistor (RP)
may be required for proper ceramic resonator
operation.
C1
C2 Ceramic
RS(1)
OSC1/CLKIN
RF(2)
Sleep
To Internal
Logic
PIC® MCU
RP(3)
Resonator
OSC2/CLKOUT
OSC2/CLKOUT(1)
CEXT
REXT
PIC® MCU
OSC1/CLKIN
FOSC/4 or
Internal
Clock
VDD
VSS
Recommended values: 10 k
  REXT  100 k
CEXT > 20 pF
Note 1:
Alternate pin functions are listed in
Section 1.0 “Device Overview”.
2:
Output depends upon RC or RCIO clock mode.
I/O(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com