Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1XK50 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC18F1XK50
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1XK50 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC18F1XK50 Datasheet HTML 82Page - Microchip Technology PIC18F1XK50 Datasheet HTML 83Page - Microchip Technology PIC18F1XK50 Datasheet HTML 84Page - Microchip Technology PIC18F1XK50 Datasheet HTML 85Page - Microchip Technology PIC18F1XK50 Datasheet HTML 86Page - Microchip Technology PIC18F1XK50 Datasheet HTML 87Page - Microchip Technology PIC18F1XK50 Datasheet HTML 88Page - Microchip Technology PIC18F1XK50 Datasheet HTML 89Page - Microchip Technology PIC18F1XK50 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 422 page
background image
PIC18F/LF1XK50
DS41350D-page 86
Preliminary
 2010 Microchip Technology Inc.
REGISTER 9-3:
WPUA: WEAK PULL-UP PORTA REGISTER
U-0
U-0
R/W-1
R/W-1
RW-1
U-0
U-0
U-0
WPUA5
WPUA4
WPUA3
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-3
WPUA<5:3>: Weak Pull-up Enable bit
1 = Pull-up enabled
0 = Pull-up disabled
bit 2
Unimplemented: Read as ‘0’
bit 1-0
WPUA<1:0>: Weak Pull-up Enable bit
1 = Pull-up enabled
0 = Pull-up disabled
REGISTER 9-4:
IOCA: INTERRUPT-ON-CHANGE PORTA REGISTER
U-0
U-0
R/W-0
R/W-0
R-0
U-0
R/W-0
R/W-0
IOCA5
IOCA4
IOCA3
IOCA1
IOCA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-3
IOCA<5:3>: PORTA I/O Pin bit
1 = Interrupt-on-change enabled
0 = Interrupt-on-change disabled
bit 2
Unimplemented: Read as ‘0’
bit 1-0
IOCA<1:0>: PORTA I/O Pin bit
1 = Interrupt-on-change enabled
0 = Interrupt-on-change disabled
REGISTER 9-5:
LATA: PORTA DATA LATCH REGISTER
U-0
U-0
R/W-x
R/W-x
U-0
U-0
U-0
U-0
—LATA5
LATA4
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
LATA<5:4>: RA<5:4> Port I/O Output Latch Register bits
bit 3-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com