Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1XK50 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC18F1XK50
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1XK50 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC18F1XK50 Datasheet HTML 12Page - Microchip Technology PIC18F1XK50 Datasheet HTML 13Page - Microchip Technology PIC18F1XK50 Datasheet HTML 14Page - Microchip Technology PIC18F1XK50 Datasheet HTML 15Page - Microchip Technology PIC18F1XK50 Datasheet HTML 16Page - Microchip Technology PIC18F1XK50 Datasheet HTML 17Page - Microchip Technology PIC18F1XK50 Datasheet HTML 18Page - Microchip Technology PIC18F1XK50 Datasheet HTML 19Page - Microchip Technology PIC18F1XK50 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 422 page
background image
PIC18F/LF1XK50
DS41350D-page 16
Preliminary
 2010 Microchip Technology Inc.
FIGURE 2-1:
PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
4 x PLL
FOSC<3:0>
OSC2
OSC1
Sleep
CPU
Peripherals
IDLEN
16 MHz
8 MHz
4 MHz
2 MHz
1 MHz
250 kHz
500 kHz
IRCF<2:0>
111
110
101
100
011
010
001
000
31 kHz
31 kHz
LFINTOSC
Internal
Oscillator
Block
Clock
Control
SCS<1:0>
HFINTOSC
16 MHz
0
1
INTSRC
Primary
PIC18F/LF1XK50
Sleep
Sleep
System
Secondary
T1OSCEN
Enable
Oscillator
T1OSI
T1OSO
PCLKEN
PRI_SD
 2
CPU
Divider
0
1
1
0
USBDIV
FOSC<3:0>
Low Speed USB
High Speed USB
PLLEN
SPLLEN
Oscillator
Watchdog
Timer
Oscillator
Fail-Safe
Clock
Two-Speed
Start-up
Clock
00
1x
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com