Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 27 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 27 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 23Page - Motorola, Inc HCS12 Datasheet HTML 24Page - Motorola, Inc HCS12 Datasheet HTML 25Page - Motorola, Inc HCS12 Datasheet HTML 26Page - Motorola, Inc HCS12 Datasheet HTML 27Page - Motorola, Inc HCS12 Datasheet HTML 28Page - Motorola, Inc HCS12 Datasheet HTML 29Page - Motorola, Inc HCS12 Datasheet HTML 30Page - Motorola, Inc HCS12 Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Block Guide — S12BDM V4
27
Differently from the normal bit transfer (where the host initiates the transmission), the serial interface
ACK handshake pulse is initiated by the target MCU by issuing a negedge in the BKGD pin. The hardware
handshake protocol in Figure 4-5 specifies the timing when the BKGD pin is being driven, so the host
should follow this timing constraint in order to avoid the risk of an electrical conflict in the BKGD pin.
NOTE:
The only place the BKGD pin can have an electrical conflict is when one side is
driving low and the other side is issuing a speedup pulse (high). Other “highs” are
pulled rather than driven. However, at low rates the time of the speedup pulse can
become lengthy and so the potential conflict time becomes longer as well.
The ACK handshake protocol does not support nested ACK pulses. If a BDM command is not
acknowledge by an ACK pulse, the host needs to abort the pending command first in order to be able to
issue a new BDM command. When the CPU enters WAIT or STOP while the host issues a command that
requires CPU execution (e.g., WRITE_BYTE), the target discards the incoming command due to the
WAIT or STOP being detected. Therefore, the command is not acknowledged by the target, which means
that the ACK pulse will not be issued in this case. After a certain time the host should decide to abort the
ACK sequence in order to be free to issue a new command. Therefore, the protocol should provide a
mechanism in which a command, and therefore a pending ACK, could be aborted.
NOTE:
Differently from a regular BDM command, the ACK pulse does not provide a time
out. This means that in the case of a WAIT or STOP instruction being executed, the
ACK would be prevented from being issued. If not aborted, the ACK would remain
pending indefinitely. See the handshake abort procedure described in
4.8 Hardware Handshake Abort Procedure.
4.8 Hardware Handshake Abort Procedure
The abort procedure is based on the SYNC command. In order to abort a command, which had not issued
the corresponding ACK pulse, the host controller should generate a low pulse in the BKGD pin by driving
it low for at least 128 serial clock cycles and then driving it high for one serial clock cycle, providing a
speedup pulse. By detecting this long low pulse in the BKGD pin, the target executes the SYNC protocol,
see 4.9 SYNC — Request Timed Reference Pulse, and assumes that the pending command and therefore
the related ACK pulse, are being aborted. Therefore, after the SYNC protocol has been completed the host
is free to issue new BDM commands.
Although it is not recommended, the host could abort a pending BDM command by issuing a low pulse in
the BKGD pin shorter than 128 serial clock cycles, which will not be interpreted as the SYNC command.
The ACK is actually aborted when a negedge is perceived by the target in the BKGD pin. The short abort
pulse should have at least 4 clock cycles keeping the BKGD pin low, in order to allow the negedge to be
detected by the target. In this case, the target will not execute the SYNC protocol but the pending command
will be aborted along with the ACK pulse. The potential problem with this abort procedure is when there
is a conflict between the ACK pulse and the short abort pulse. In this case, the target may not perceive the
abort pulse. The worst case is when the pending command is a read command (i.e., READ_BYTE). If the
abort pulse is not perceived by the target the host will attempt to send a new command after the abort pulse
was issued, while the target expects the host to retrieve the accessed memory byte. In this case, host and
target will run out of synchronism. However, if the command to be aborted is not a read command the short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com