Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 12 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 8Page - Motorola, Inc HCS12 Datasheet HTML 9Page - Motorola, Inc HCS12 Datasheet HTML 10Page - Motorola, Inc HCS12 Datasheet HTML 11Page - Motorola, Inc HCS12 Datasheet HTML 12Page - Motorola, Inc HCS12 Datasheet HTML 13Page - Motorola, Inc HCS12 Datasheet HTML 14Page - Motorola, Inc HCS12 Datasheet HTML 15Page - Motorola, Inc HCS12 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Block Guide — S12BDM V4
12
3.1 BDM Status Register
Figure 3-1 BDM Status Register (BDMSTS)
Read: All modes through BDM operation
Write: All modes but subject to the following:
–
BDMACT can only be set by BDM hardware upon entry into BDM. It can only be cleared by
the standard BDM firmware lookup table upon exit from BDM active mode.
–
CLKSW can only be written via BDM hardware or standard BDM firmware write commands.
–
All other bits, while writable via BDM hardware or standard BDM firmware write commands,
should only be altered by the BDM hardware or standard firmware lookup table as part of BDM
command execution.
–
ENBDM should only be set via a BDM hardware command if the BDM firmware commands
are needed. (This does not apply in Special Single-Chip Mode).
ENBDM — Enable BDM
This bit controls whether the BDM is enabled or disabled. When enabled, BDM can be made active to
allow firmware commands to be executed. When disabled, BDM cannot be made active but BDM
hardware commands are still allowed.
1 = BDM enabled
0 = BDM disabled
NOTE:
ENBDM is set by the firmware immediately out of reset in special single-chip mode.
In secure mode, this bit will not be set by the firmware until after the EEPROM and
FLASH erase verify tests are complete.
Register address $FF01
7
6
5
4
3
2
1
0
R
ENBDM
BDMACT
ENTAG
SDV
TRACE
CLKSW
UNSEC
0
W
Reset:
Special single-chip mode:
0
1
0
0
0
0
0
0
Special peripheral mode:
0
1
0
0
0
0
0
0
All other modes:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com