Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 5 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 5 Page - Motorola, Inc

  HCS12 Datasheet HTML 1Page - Motorola, Inc HCS12 Datasheet HTML 2Page - Motorola, Inc HCS12 Datasheet HTML 3Page - Motorola, Inc HCS12 Datasheet HTML 4Page - Motorola, Inc HCS12 Datasheet HTML 5Page - Motorola, Inc HCS12 Datasheet HTML 6Page - Motorola, Inc HCS12 Datasheet HTML 7Page - Motorola, Inc HCS12 Datasheet HTML 8Page - Motorola, Inc HCS12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Block Guide — S12BDM V4
5
Section 1 Introduction to Background Debug Module V4
(BDMV4)
This section describes the functionality of the Background Debug Module (BDM) sub-block of the HCS12
Core Platform.
A block diagram of the BDM is shown in Figure 1-1.
Figure 1-1 BDM Block Diagram
1.1 Overview
The Background Debug Module (BDM) sub-block is a single-wire, background debug system
implemented in on-chip hardware for minimal CPU intervention. All interfacing with the BDM is done
via the BKGD pin.
BDMV4 has enhanced capability for maintaining synchronization between the target and host while
allowing more flexibility in clock rates. This includes a sync signal to show the clock rate and a handshake
signal to indicate when an operation is complete. The system is backwards compatible with older external
interfaces.
1.2 Features
•
Single-wire communication with host development system
•
BDMV4 (and BDM2): Enhanced capability for allowing more flexibility in clock rates
•
BDMV4: SYNC command to determine communication rate
•
BDMV4: GO_UNTIL command
•
BDMV4: Hardware handshake protocol to increase the performance of the serial communication
•
Active out of reset in special single-chip mode
ENBDM
SDV
16-BIT SHIFT REGISTER
BKGD
CLOCKS
DATA
ADDRESS
HOST
SYSTEM
BUS INTERFACE
AND
CONTROL LOGIC
INSTRUCTION DECODE
AND EXECUTION
STANDARD BDM
FIRMWARE
LOOKUP TABLE
CLKSW
BDMACT
ENTAG
TRACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com