Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 32 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 32 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 26Page - Motorola, Inc HCS12 Datasheet HTML 27Page - Motorola, Inc HCS12 Datasheet HTML 28Page - Motorola, Inc HCS12 Datasheet HTML 29Page - Motorola, Inc HCS12 Datasheet HTML 30Page - Motorola, Inc HCS12 Datasheet HTML 31Page - Motorola, Inc HCS12 Datasheet HTML 32Page - Motorola, Inc HCS12 Datasheet HTML 33Page - Motorola, Inc HCS12 Datasheet HTML 34Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Block Guide — S12BDM V4
32
4.11 Instruction Tagging
The instruction queue and cycle-by-cycle CPU activity are reconstructible in real time or from trace
history that is captured by a logic analyzer. However, the reconstructed queue cannot be used to stop the
CPU at a specific instruction. This is because execution already has begun by the time an operation is
visible outside the system. A separate instruction tagging mechanism is provided for this purpose.
The tag follows program information as it advances through the instruction queue. When a tagged
instruction reaches the head of the queue, the CPU enters active BDM rather than executing the instruction.
NOTE:
Tagging is disabled when BDM becomes active and BDM serial commands are not
processed while tagging is active.
Executing the BDM TAGGO command configures two system pins for tagging. The TAGLO signal
shares a pin with the LSTRB signal, and the TAGHI signal shares a pin with the BKGD signal.
Table 4-3 shows the functions of the two tagging pins. The pins operate independently, that is the state
of one pin does not affect the function of the other. The presence of logic level 0 on either pin at the fall
of the external clock (ECLK) performs the indicated function. High tagging is allowed in all modes. Low
tagging is allowed only when low strobe is enabled (LSTRB is allowed only in wide expanded modes and
emulation expanded narrow mode).
4.12 Serial Communication Time-out
The host initiates a host-to-target serial transmission by generating a falling edge on the BKGD pin. If
BKGD is kept low for more than 128 target clock cycles, the target understands that a SYNC command
was issued. In this case, the target will keep waiting for a rising edge on BKGD in order to answer the
SYNC request pulse. If the rising edge is not detected, the target will keep waiting forever without any
time-out limit.
Consider now the case where the host returns BKGD to logic one before 128 cycles. This is interpreted as
a valid bit transmission, and not as a SYNC request. The target will keep waiting for another falling edge
marking the start of a new bit. If, however, a new falling edge is not detected by the target within 512 clock
cycles since the last falling edge, a time-out occurs and the current command is discarded without affecting
memory or the operating mode of the MCU. This is referred to as a soft-reset.
Table 4-3 Tag Pin Function
TAGHI
TAGLO
Tag
1
1
No tag
1
0
Low byte
0
1
High byte
0
0
Both bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com