Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 20 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 16Page - Motorola, Inc HCS12 Datasheet HTML 17Page - Motorola, Inc HCS12 Datasheet HTML 18Page - Motorola, Inc HCS12 Datasheet HTML 19Page - Motorola, Inc HCS12 Datasheet HTML 20Page - Motorola, Inc HCS12 Datasheet HTML 21Page - Motorola, Inc HCS12 Datasheet HTML 22Page - Motorola, Inc HCS12 Datasheet HTML 23Page - Motorola, Inc HCS12 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Block Guide — S12BDM V4
20
4.4 Standard BDM Firmware Commands
Firmware commands are used to access and manipulate CPU resources. The system must be in active
BDM to execute standard BDM firmware commands, see 4.2 Enabling and Activating BDM. Normal
instruction execution is suspended while the CPU executes the firmware located in the standard BDM
firmware lookup table. The hardware command BACKGROUND is the usual way to activate BDM.
As the system enters active BDM, the standard BDM firmware lookup table and BDM registers become
visible in the on-chip memory map at $FF00–$FFFF, and the CPU begins executing the standard BDM
firmware. The standard BDM firmware watches for serial commands and executes them as they are
received.
The firmware commands are shown in Table 4-2.
Table 4-2 Firmware Commands
Command1
NOTES:
1. If enabled, ACK will occur when data is ready for transmission for all BDM READ commands and will occur after the write
is complete for all BDM WRITE commands.
Opcode
(hex)
Data
Description
READ_NEXT
62
16-bit data out
Increment X by 2 (X = X + 2), then read word X points to.
READ_PC
63
16-bit data out
Read program counter.
READ_D
64
16-bit data out
Read D accumulator.
READ_X
65
16-bit data out
Read X index register.
READ_Y
66
16-bit data out
Read Y index register.
READ_SP
67
16-bit data out
Read stack pointer.
WRITE_NEXT
42
16-bit data in
Increment X by 2 (X = X + 2), then write word to location
pointed to by X.
WRITE_PC
43
16-bit data in
Write program counter.
WRITE_D
44
16-bit data in
Write D accumulator.
WRITE_X
45
16-bit data in
Write X index register.
WRITE_Y
46
16-bit data in
Write Y index register.
WRITE_SP
47
16-bit data in
Write stack pointer.
GO
08
none
Go to user program. If enabled, ACK will occur when
leaving active background mode.
GO_UNTIL2
2. Both WAIT (with clocks to the S12 CPU core disabled) and STOP disable the ACK function. The GO_UNTIL command
will not get an Acknowledge if one of these two CPU instructions occurs before the "UNTIL" instruction. This can be a prob-
lem for any instruction that uses ACK, but GO_UNTIL is a lot more difficult for the development tool to time-out.
0C
none
Go to user program. If enabled, ACK will occur upon
returning to active background mode.
TRACE1
10
none
Execute one user instruction then return to active BDM. If
enabled, ACK will occur upon returning to active
background mode.
TAGGO
18
none
Enable tagging and go to user program. There is no ACK
pulse related to this command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com