Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 9 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 5Page - Motorola, Inc HCS12 Datasheet HTML 6Page - Motorola, Inc HCS12 Datasheet HTML 7Page - Motorola, Inc HCS12 Datasheet HTML 8Page - Motorola, Inc HCS12 Datasheet HTML 9Page - Motorola, Inc HCS12 Datasheet HTML 10Page - Motorola, Inc HCS12 Datasheet HTML 11Page - Motorola, Inc HCS12 Datasheet HTML 12Page - Motorola, Inc HCS12 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Block Guide — S12BDM V4
9
Section 2 External Signal Description
2.1 Overview
A single-wire interface pin is used to communicate with the BDM system. Two additional pins are used
for instruction tagging. These pins are part of the Multiplexed External Bus Interface (MEBI) sub-block
and all interfacing between the MEBI and BDM is done within the Core interface boundary. Functional
descriptions of the pins are provided below for completeness.
•
BKGD — Background interface pin
•
TAGHI — High byte instruction tagging pin
•
TAGLO — Low byte instruction tagging pin
•
BKGD and TAGHI share the same pin.
•
TAGLO and LSTRB share the same pin.
NOTE:
Generally these pins are shared as described, but it is best to check the chip
description to make certain. All chips at the time of this writing have followed this
pin sharing scheme.
2.2 Detailed Signal Descriptions
2.2.1 Background Interface Pin (BKGD)
Debugging control logic communicates with external devices serially via the single-wire background
interface pin (BKGD). During reset, this pin is a mode select input which selects between normal and
special modes of operation. After reset, this pin becomes the dedicated serial interface pin for the
background debug mode.
2.2.2 High Byte Instruction Tagging Pin (TAGHI)
This pin is used to tag the high byte of an instruction. When instruction tagging is on, a logic 0 at the falling
edge of the external clock (ECLK) tags the high half of the instruction word being read into the instruction
queue.
2.2.3 Low Byte Instruction Tagging Pin (TAGLO)
This pin is used to tag the low byte of an instruction. When instruction tagging is on and low strobe is
enabled, a logic 0 at the falling edge of the external clock (ECLK) tags the low half of the instruction word
being read into the instruction queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com