Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 6 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 2Page - Motorola, Inc HCS12 Datasheet HTML 3Page - Motorola, Inc HCS12 Datasheet HTML 4Page - Motorola, Inc HCS12 Datasheet HTML 5Page - Motorola, Inc HCS12 Datasheet HTML 6Page - Motorola, Inc HCS12 Datasheet HTML 7Page - Motorola, Inc HCS12 Datasheet HTML 8Page - Motorola, Inc HCS12 Datasheet HTML 9Page - Motorola, Inc HCS12 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Block Guide — S12BDM V4
6
•
Nine hardware commands using free cycles, if available, for minimal CPU intervention
•
Hardware commands not requiring active BDM
•
15 firmware commands execute from the standard BDM firmware lookup table
•
Instruction tagging capability
•
Software control of BDM operation during wait mode
•
Software selectable clocks
•
When secured, hardware commands are allowed to access the register space in Special Single-Chip
mode, if the FLASH and EEPROM erase tests fail.
1.3 Modes of Operation
BDM is available in all operating modes but must be enabled before firmware commands are executed.
Some system peripherals may have a control bit which allows suspending the peripheral function during
background debug mode.
1.3.1 Regular Run Modes
All of these operations refer to the part in run mode. The BDM does not provide controls to conserve power
during run mode.
•
Normal Operation
General operation of the BDM is available and operates the same in all normal modes.
•
Special single-chip mode
In special single-chip mode, background operation is enabled and active out of reset. This allows
programming a system with blank memory.
•
Special peripheral mode
BDM is enabled and active immediately out of reset. BDM can be disabled by clearing the
BDMACT bit in the BDM status (BDMSTS) register. The BDM serial system should not be used
in special peripheral mode.
•
Emulation Modes
General operation of the BDM is available and operates the same as in normal modes.
1.3.2 Secure Mode Operation
If the part is in secure mode, the operation of the BDM is reduced to a small subset of it’s regular
run mode operation. Secure operation prevents access to FLASH or EEPROM other than allowing
erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com