Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 14 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 10Page - Motorola, Inc HCS12 Datasheet HTML 11Page - Motorola, Inc HCS12 Datasheet HTML 12Page - Motorola, Inc HCS12 Datasheet HTML 13Page - Motorola, Inc HCS12 Datasheet HTML 14Page - Motorola, Inc HCS12 Datasheet HTML 15Page - Motorola, Inc HCS12 Datasheet HTML 16Page - Motorola, Inc HCS12 Datasheet HTML 17Page - Motorola, Inc HCS12 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Block Guide — S12BDM V4
14
NOTE:
The BDM alternate clock source can only be selected when CLKSW = 0 and
PLLSEL = 1. The BDM serial interface is now fully synchronized to the alternate
clock source, when enabled. This eliminates frequency restriction on the alternate
clock which was required on previous versions. Refer to the device specification to
determine which clock connects to the alternate clock source input.
NOTE:
If the acknowledge function is turned on, changing the CLKSW bit will cause the
ACK to be at the new rate for the write command which changes it.
UNSEC — Unsecure
This bit is only writable in special single-chip mode from the BDM secure firmware and always gets
reset to zero. It is in a zero state as secure mode is entered so that the secure BDM firmware lookup
table is enabled and put into the memory map along with the standard BDM firmware lookup table.
The secure BDM firmware lookup table verifies that the on-chip EEPROM and FLASH EEPROM are
erased. This being the case, the UNSEC bit is set and the BDM program jumps to the start of the
standard BDM firmware lookup table and the secure BDM firmware lookup table is turned off. If the
erase test fails, the UNSEC bit will not be asserted.
1 = System is in a unsecured mode
0 = System is in a secured mode
NOTE:
When UNSEC is set, security is off and the user can change the state of the secure
bits in the on-chip FLASH EEPROM. Note that if the user does not change the state
of the bits to “unsecured” mode, the system will be secured again when it is next
taken out of reset.
Table 3-2 BDM Clock Sources
PLLSEL
CLKSW
BDMCLK
0
0
Bus clock
0
1
Bus clock
10
Alternate clock (refer to the device specification to determine
the alternate clock source)
1
1
Bus clock dependent on the PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com