Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 24Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 19
PIC16F193X/LF193X
RD6(4)/CPS14/P1C/SEG19
RD6
ST
CMOS General purpose I/O.
CPS14
AN
—
Capacitive sensing input 14.
P1C
—
CMOS PWM output.
SEG19
—
AN
LCD analog output.
RD7(4)/CPS15/P1D/SEG20
RD7
ST
CMOS General purpose I/O.
CPS15
AN
—
Capacitive sensing input 15.
P1D
—
CMOS PWM output.
SEG20
—
AN
LCD analog output.
RE0(5)/AN5/P3A(1)/CCP3(1)/
SEG21
RE0
ST
CMOS General purpose I/O.
AN5
AN
—
A/D Channel 5 input.
P3A
—
CMOS PWM output.
CCP3
ST
CMOS Capture/Compare/PWM3.
SEG21
—
AN
LCD analog output.
RE1(5)/AN6/P3B/SEG22
RE1
ST
CMOS General purpose I/O.
AN6
AN
—
A/D Channel 6 input.
P3B
—
CMOS PWM output.
SEG22
—
AN
LCD analog output.
RE2(5)/AN7/CCP5/SEG23
RE2
ST
CMOS General purpose I/O.
AN7
AN
—
A/D Channel 7 input.
CCP5
ST
CMOS Capture/Compare/PWM5.
SEG23
—
AN
LCD analog output.
RE3/MCLR/VPP
RE3
TTL
—
General purpose input.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-1:
PIC16F193X/LF193X PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Pin function is selectable via the APFCON register.
2:
PIC16F193X devices only.
3:
PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices only.
4:
PORTD is available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only.
5:
RE<2:0> are available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com