Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 61Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 62Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 63Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 64Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 65Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 66Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 67Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 62
Preliminary
© 2008 Microchip Technology Inc.
3.5
Brown-Out Reset (BOR)
Brown-out Reset is enabled by programming the
BOREN<1:0> bits in the Configuration register. The
brown-out trip point is selectable from two trip points
via the BORV bit in the Configuration register.
Between the POR and BOR, complete voltage range
coverage for execution protection can be imple-
mented.
Two bits are used to enable the BOR. When
BOREN = 11, the BOR is always enabled. When
BOREN = 10, the BOR is enabled, but disabled during
Sleep. When BOREN = 01, the BOR is controlled by
the SBOREN bit of the BORCON register. When
BOREN = 00, the BOR is disabled.
If VDD falls below VBOR for greater than parameter
(TBOR) (see Section 28.0 “Electrical Specifica-
tions”), the Brown-out situation will reset the device.
This will occur regardless of VDD slew rate. A Reset is
not ensured to occur if VDD falls below VBOR for more
than parameter (TBOR).
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
TABLE 3-4:
BOR OPERATING MODES
FIGURE 3-4:
BROWN-OUT SITUATIONS
BOREN
Config bits
SBOREN
Device Mode
BOR Mode
Device
Operation upon
release of POR
Device
Operation upon
wake- up from
Sleep
BOR_ON (11)
X
X
Active
Waits for BOR ready(1)
BOR_NSLEEP (10)
X
Awake
Active
Waits for BOR ready
BOR_NSLEEP (10)
X
Sleep
Disabled
BOR_SBOREN (01)
1
X
Active
Begins immediately
BOR_SBOREN (01)
0
X
Disabled
Begins immediately
BOR_OFF (00)
X
X
Disabled
Begins immediately
Note 1: Even though this case specifically waits for the BOR, the BOR is already operating, so there is no delay in
startup.
64 ms(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOR
VDD
Internal
Reset
Note 1:
64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com