Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 88Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 89Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 84
Preliminary
© 2008 Microchip Technology Inc.
6.1
Alternate Pin Function
The Alternate Pin Function Control (APFCON) register
is used to steer specific peripheral input and output
functions between different pins. The APFCON register
is shown in Register 6-1. For this device family, the
following functions can be moved between different
pins.
•SS (Slave Select)
• CCP2
• CCP3
•Timer1 Gate
• SR Latch SRNQ output
• Comparator C2 output
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.
REGISTER 6-1:
APFCON: ALTERNATE PIN FUNCTION CONTROL REGISTER
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
CCP3SEL
T1GSEL
P2BSEL
SRNQSEL
C2OUTSEL
SSSEL
CCP2SEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented: Read as ‘0’.
bit 6
CCP3SEL: CCP3 Input/Output Pin Selection bit
For 28-Pin Devices (PIC16F1933/1936/1938):
0
= CCP3/P3A function is on RC6/TX/CK/CCP3/P3A/SEG9
1
= CCP3/P3A function is on RB5/AN13/CPS5/CCP3/P3A/T1G/COM1
For 40-Pin Devices (PIC16F1934/1937/1939):
0
= CCP3/P3A function is on RE0/AN5/CCP3/P3A/SEG21
1
= CCP3/P3A function is on RB5/AN13/CPS5/CCP3/P3A/T1G/COM1
bit 5
T1GSEL: Timer1 Gate Input Pin Selection bit
0
= T1G function is on RB5/AN13/CPS5/CCP3/P3A/T1G/COM1
1
= T1G function is on RC4/SDI/SDA/T1G/SEG11
bit 4
P2BSEL: CCP2 PWM B Output Pin Selection bit
For 28-Pin Devices (PIC16F1933/1936/1938):
0
= P2B function is on RC0/T1OSO/T1CKI/P2B
1
= P2B function is on RB5/AN13/P2B/CPS5/T1G/COM1
For 40-Pin Devices (PIC16F1934/1937/1939):
0
= P2B function is on RC0/T1OSO/T1CKI/P2B
1
= P2B function is on RD2/CPS10/P2B
bit 3
SRNQSEL: SR Latch nQ Output Pin Selection bit
0
= SRnQ function is on RA5/AN4/C2OUT/SRnQ/SS/CPS7/SEG5/VCAP
1
= SRnQ function is on RA0/AN0/C12IN0-/C2OUT/SRnQ/SS/SEG12/VCAP
bit 2
C2OUTSEL: Comparator C2 Output Pin Selection bit
0
= C2OUT function is on RA5/AN4/C2OUT/SRnQ/SS/CPS7/SEG5/VCAP
1
= C2OUT function is on RA0/AN0/C12IN0-/C2OUT/SRnQ/SS/SEG12/VCAP
bit 1
SSSEL: SS Input Pin Selection bit
0
=SS function is on RA5/AN4/C2OUT/SRNQ/SS/CPS7/SEG5/VCAP
1
=SS function is on RA0/AN0/C12IN0-/C2OUT/SRNQ/SS/SEG12/VCAP
bit 0
CCP2SEL: CCP2 Input/Output Pin Selection bit
0
= CCP2/P2A function is on RC1/T1OSI/CCP2/P2A
1
= CCP2/P2A function is on RB3/AN9/C12IN2-/CPS3/CCP2/P2A/VLCD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com