Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 14Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 15Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 16Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 16
Preliminary
© 2008 Microchip Technology Inc.
RA6/OSC2/CLKOUT/VCAP(2)/
SEG1
RA6
TTL
CMOS General purpose I/O.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS FOSC/4 output.
VCAP
Power
Power
Filter capacitor for Voltage Regulator (PIC16F193X only).
SEG1
—
AN
LCD Analog output.
RA7/OSC1/CLKIN/SEG2
RA7
TTL
CMOS General purpose I/O.
OSC1
XTAL
—
Crystal/Resonator (LP, XT, HS modes).
CLKIN
CMOS
—
External clock input (EC mode).
SEG2
—
AN
LCD Analog output.
RB0/AN12/CPS0/CCP4/SRI/INT/
SEG0
RB0
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN12
AN
—
A/D Channel 12 input.
CPS0
AN
—
Capacitive sensing input 0.
CCP4
ST
CMOS Capture/Compare/PWM4.
SRI
—
ST
SR Latch input.
INT
ST
—
External interrupt.
SEG0
—
AN
LCD analog output.
RB1/AN10/C12IN3-/CPS1/P1C/
VLCD1
RB1
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN10
AN
—
A/D Channel 10 input.
C12IN3-
AN
—
Comparator C1 or C2 negative input.
CPS1
AN
—
Capacitive sensing input 1.
P1C
—
CMOS PWM output.
VLCD1
AN
—
LCD analog input.
RB2/AN8/CPS2/P1B/VLCD2
RB2
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN8
AN
—
A/D Channel 8 input.
CPS2
AN
—
Capacitive sensing input 2.
P1B
—
CMOS PWM output.
VLCD2
AN
—
LCD analog input.
RB3/AN9/C12IN2-/CPS3/
CCP2(1)/P2A(1)/VLCD3
RB3
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN9
AN
—
A/D Channel 9 input.
C12IN2-
AN
—
Comparator C1 or C2 negative input.
CPS3
AN
—
Capacitive sensing input 3.
CCP2
ST
CMOS Capture/Compare/PWM2.
P2A
—
CMOS PWM output.
VLCD3
AN
—
LCD analog input.
TABLE 1-1:
PIC16F193X/LF193X PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Pin function is selectable via the APFCON register.
2:
PIC16F193X devices only.
3:
PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices only.
4:
PORTD is available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only.
5:
RE<2:0> are available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com