Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 75Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 78Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 75
PIC16F193X/LF193X
4.5.3
PIE2 REGISTER
The PIE2 register contains the interrupt enable bits, as
shown in Register 4-3.
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 4-3:
PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
—
CCP2IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
OSFIE: Oscillator Fail Interrupt Enable bit
1
= Enables the Oscillator Fail interrupt
0
= Disables the Oscillator Fail interrupt
bit 6
C2IE: Comparator C2 Interrupt Enable bit
1
= Enables the Comparator C2 interrupt
0
= Disables the Comparator C2 interrupt
bit 5
C1IE: Comparator C1 Interrupt Enable bit
1
= Enables the Comparator C1 interrupt
0
= Disables the Comparator C1 interrupt
bit 4
EEIE: EEPROM Write Completion Interrupt Enable bit
1
= Enables the EEPROM Write Completion interrupt
0
= Disables the EEPROM Write Completion interrupt
bit 3
BCLIE: MSSP Bus Collision Interrupt Enable bit
1
= Enables the MSSP Bus Collision Interrupt
0
= Disables the MSSP Bus Collision Interrupt
bit 2
LCDIE: LCD Module Interrupt Enable bit
1
= Enables the LCD module interrupt
0
= Disables the LCD module interrupt
bit 1
Unimplemented: Read as ‘0’
bit 0
CCP2IE: CCP2 Interrupt Enable bit
1
= Enables the CCP2 interrupt
0
= Disables the CCP2 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com