Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 81
PIC16F193X/LF193X
5.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F193X devices differ from the PIC16LF193X
devices due to an internal Low Dropout (LDO) voltage
regulator. The PIC16F193X contain an internal LDO,
while the PIC16LF193X do not.
The lithography of the die allows a maximum operating
voltage of 3.6V on the internal digital logic. In order to
continue to support 5.0V designs, a LDO voltage
regulator is integrated on the die. The LDO voltage
regulator allows for the internal digital logic to operate
at 3.2V, while I/O’s operate at 5.0V (VDD).
The LDO voltage regulator requires an external bypass
capacitor for stability. One of three pins, denoted as
VCAP, can be configured for the external bypass
capacitor. It is recommended that the capacitor be a
ceramic cap between 0.1 to 1.0 µF.
On power-up, the external capacitor will look like a
large load on the LDO voltage regulator. To prevent
erroneous operation, the device is held in Reset while
a constant current source charges the external
capacitor. After the cap is fully charged, the device is
released from Reset. For more information, refer to
Section 28.0 “Electrical Specifications”.
See Configuration Word 2 register (Register 10-2) for
VCAP enable bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com