Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 36Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 37Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 38
Preliminary
© 2008 Microchip Technology Inc.
Bank 3
180h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
181h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
182h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
183h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
184h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
185h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
186h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
187h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
188h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
189h(2)
WREG
Working Register
0000 0000 uuuu uuuu
18Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
18Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
18Ch
ANSELA
—
—
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
--11 1111 --11 1111
18Dh
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
--11 1111 --11 1111
18Eh
—
Unimplemented
—
—
18Fh(3)
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
1111 1111 1111 1111
190h(3)
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111 ---- -111
191h
EEADRL
EEPROM / Program Memory Address Register Low Byte
0000 0000 0000 0000
192h
EEADRH
—
EEPROM / Program Memory Address Register High Byte
-000 0000 -000 0000
193h
EEDATL
EEPROM / Program Memory Read Data Register Low Byte
xxxx xxxx uuuu uuuu
194h
EEDATH
—
—
EEPROM / Program Memory Read Data Register High Byte
--xx xxxx --uu uuuu
195h
EECON1
EEPGD
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
0000 x000 0000 q000
196h
EECON2
EEPROM control register 2
0000 0000 0000 0000
197h
—
Unimplemented
—
—
198h
—
Unimplemented
—
—
199h
RCREG
USART Receive Data Register
0000 0000 0000 0000
19Ah
TXREG
USART Transmit Data Register
0000 0000 0000 0000
19Bh
SPBRGL
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000 0000 0000
19Ch
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000 0000 0000
19Dh
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
19Eh
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
19Fh
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00 01-0 0-00
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com