Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1934-E/ML Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 15Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 16Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 17
PIC16F193X/LF193X
RB4/AN11/CPS4/P1D/COM0
RB4
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN11
AN
—
A/D Channel 11 input.
CPS4
AN
—
Capacitive sensing input 4.
P1D
—
CMOS PWM output.
COM0
—
AN
LCD Analog output.
RB5/AN13/CPS5/P2B/CCP3(1)/
P3A(1)/T1G(1)/COM1
RB5
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN13
AN
—
A/D Channel 13 input.
CPS5
AN
—
Capacitive sensing input 5.
P2B
—
CMOS PWM output.
CCP3
ST
CMOS Capture/Compare/PWM3.
P3A
—
CMOS PWM output.
T1G
ST
—
Timer1 Gate input.
COM1
—
AN
LCD Analog output.
RB6/ICSPCLK/ICDCLK/SEG14
RB6
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
ICSPCLK
ST
—
Serial Programming Clock.
ICDCLK
ST
—
In-Circuit Debug Clock.
SEG14
—
AN
LCD Analog output.
RB7/ICSPDAT/ICDDAT/SEG13
RB7
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
ICDDAT
ST
CMOS In-Circuit Data I/O.
SEG13
—
AN
LCD Analog output.
RC0/T1OSO/T1CKI/P2B(1)
RC0
ST
CMOS General purpose I/O.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
T1CKI
ST
—
Timer1 clock input.
P2B
—
CMOS PWM output.
RC1/T1OSI/CCP2(1)/P2A(1)
RC1
ST
CMOS General purpose I/O.
T1OSI
XTAL
XTAL
Timer1 oscillator connection.
CCP2
ST
CMOS Capture/Compare/PWM2.
P2A
—
CMOS PWM output.
RC2/CCP1/P1A/SEG3
RC2
ST
CMOS General purpose I/O.
CCP1
ST
CMOS Capture/Compare/PWM1.
P1A
—
CMOS PWM output.
SEG3
—
AN
LCD Analog output.
RC3/SCK/SCL/SEG6
RC3
ST
CMOS General purpose I/O.
SCK
ST
CMOS SPI clock.
SCL
I2COD
I2C™ clock.
SEG6
—
AN
LCD Analog output.
TABLE 1-1:
PIC16F193X/LF193X PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Pin function is selectable via the APFCON register.
2:
PIC16F193X devices only.
3:
PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices only.
4:
PORTD is available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only.
5:
RE<2:0> are available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com