Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 26Page - Microchip Technology PIC16F Datasheet HTML 27Page - Microchip Technology PIC16F Datasheet HTML 28Page - Microchip Technology PIC16F Datasheet HTML 29Page - Microchip Technology PIC16F Datasheet HTML 30Page - Microchip Technology PIC16F Datasheet HTML 31Page - Microchip Technology PIC16F Datasheet HTML 32Page - Microchip Technology PIC16F Datasheet HTML 33Page - Microchip Technology PIC16F Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 30
Advance Information
 2010 Microchip Technology Inc.
7.4
Checksum Computation
The checksum is calculated by two different methods
dependent on the setting of the CP Configuration bit.
7.4.1
PROGRAM CODE PROTECTION
DISABLED
With the program code protection disabled, the
checksum is computed by reading the contents of the
PIC16F/LF182X and PIC12F/LF1822 program memory
locations and adding up the program memory data
starting at address 0000h, up to the maximum user
addressable location. Any Carry bit exceeding 16 bits
are ignored. Additionally, the relevant bits of the
Configuration Words are added to the checksum. All
unimplemented Configuration bits are masked to ‘0’.
EXAMPLE 7-1:
CHECKSUM COMPUTED WITH PROGRAM CODE PROTECTION DISABLED
PIC16F1827, BLANK DEVICE
EXAMPLE 7-2:
CHECKSUM COMPUTED WITH PROGRAM CODE PROTECTION DISABLED
PIC16LF1827, 00AAh AT FIRST AND LAST ADDRESS
TABLE 7-1:
CONFIGURATION WORD
MASK VALUES
Device
Config. Word 1
Mask
Config. Word 2
Mask
PIC16F1826
3FFFh
3713h
PIC16F1827
3FFFh
3713h
PIC16LF1826
3FFFh
3703h
PIC16LF1827
3FFFh
3703h
PIC12F1822
3FFFh
3713h
PIC12LF1822
3FFFh
3713h
PIC16F1823
3FFFh
3713h
PIC16LF1823
3FFFh
3713h
PIC16F1824
3FFFh
3713h
PIC16LF1824
3FFFh
3713h
PIC16F1825
3FFFh
3713h
PIC16LF1825
3FFFh
3713h
PIC16F1828
3FFFh
3713h
PIC16LF1828
3FFFh
3713h
PIC16F1829
3FFFh
3713h
PIC16LF1829
3FFFh
3713h
Note:
Data memory does not effect the
checksum.
PIC16F1827
Sum of Memory addresses 0000h-0FFFh
F000h
Configuration Word 1
3FFFh
Configuration Word 1 mask
3FFFh
Configuration Word 2
3FFFh
Configuration Word 2 mask
3713h
Checksum
= F000h + (3FFFh and 3FFFh) + (3FFFh and 3713h)
= F000h + 3FFFh + 3713h
= 6712h
PIC16LF1827 Sum of Memory addresses 0000h-0FFFh
7156h
Configuration Word 1
3FFFh
Configuration Word 1 mask
3FFFh
Configuration Word 2
3FFFh
Configuration Word 2 mask
3703h
Checksum = 7156h + (3FFFh and 3FFFh) + (3FFFh and 3703h)
= 7156h + 3FFFh + 3703h
= E858h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com