Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 12Page - Microchip Technology PIC16F Datasheet HTML 13Page - Microchip Technology PIC16F Datasheet HTML 14Page - Microchip Technology PIC16F Datasheet HTML 15Page - Microchip Technology PIC16F Datasheet HTML 16Page - Microchip Technology PIC16F Datasheet HTML 17Page - Microchip Technology PIC16F Datasheet HTML 18Page - Microchip Technology PIC16F Datasheet HTML 19Page - Microchip Technology PIC16F Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 16
Advance Information
 2010 Microchip Technology Inc.
4.3.5
READ DATA FROM DATA MEMORY
The Read Data from Data Memory command will
transmit data bits out of the data memory starting with
the second rising edge of the clock input. The ICSPDAT
pin will go into Output mode on the second rising edge,
and it will revert to Input mode (high-impedance) after
the 16th rising edge. The data memory is 8 bits wide,
and therefore, only the first 8 bits that are output are
actual data. If the data memory is code-protected, the
data is read as all zeros. A timing diagram of this
command is shown in Figure 4-5.
FIGURE 4-5:
READ DATA FROM DATA MEMORY COMMAND
4.3.6
INCREMENT ADDRESS
The address is incremented when this command is
received. It is not possible to decrement the address.
To reset this counter, the user must use the Reset
Address command or exit Program/Verify mode and re-
enter it.
If the address is incremented from address 7FFFh, it
will wrap-around to location 0000h. If the address is
incremented from FFFFh, it will wrap-around to location
8000h.
FIGURE 4-6:
INCREMENT ADDRESS
1
2
3
4
5
6
1
2
15
16
LSb
MSb
TDLY
ICSPCLK
ICSPDAT
Input
Input
Output
x
(from Programmer)
X
0
1
0
1
0
ICSPDAT
(from device)
X
0
12
3
4
5
6
12
ICSPCLK
ICSPDAT
0
1
1
3
X
X
X
TDLY
Next Command
0
Address + 1
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com