Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 9Page - Microchip Technology PIC16F Datasheet HTML 10Page - Microchip Technology PIC16F Datasheet HTML 11Page - Microchip Technology PIC16F Datasheet HTML 12Page - Microchip Technology PIC16F Datasheet HTML 13Page - Microchip Technology PIC16F Datasheet HTML 14Page - Microchip Technology PIC16F Datasheet HTML 15Page - Microchip Technology PIC16F Datasheet HTML 16Page - Microchip Technology PIC16F Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 13
PIC16F/LF182X/PIC12F/LF1822
4.3
Program/Verify Commands
The PIC16F/LF182X and PIC12F/LF1822 implement
13 programming commands; each six bits in length.
The commands are summarized in Table 4-1.
Commands that have data associated with them are
specified to have a minimum delay of TDLY between the
command and the data. After this delay 16 clocks are
required to either clock in or clock out the 14-bit data
word. The first clock is for the Start bit and the last clock
is for the Stop bit.
TABLE 4-1:
COMMAND MAPPING
Command
Mapping
Data/Note
Binary (MSb … LSb)
Hex
Load Configuration
x0
00
00
00h
0, data (14), 0
Load Data For Program Memory
x0
00
10
02h
0, data (14), 0
Load Data For Data Memory
x0
00
11
03h
0, data (8), zero (6), 0
Read Data From Program Memory
x0
01
00
04h
0, data (14), 0
Read Data From Data Memory
x0
01
01
05h
0, data (8), zero (6), 0
Increment Address
x0
01
10
06h
—
Reset Address
x1
01
10
16h
—
Begin Internally Timed Programming
x0
10
00
08h
—
Begin Externally Timed Programming
x1
10
00
18h
—
End Externally Timed Programming
x0
10
10
0Ah
—
Bulk Erase Program Memory
x0
10
01
09h
Internally Timed
Bulk Erase Data Memory
x0
10
11
0Bh
Internally Timed
Row Erase Program Memory
x1
00
01
11h
Internally Timed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com