Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 11Page - Microchip Technology PIC16F Datasheet HTML 12Page - Microchip Technology PIC16F Datasheet HTML 13Page - Microchip Technology PIC16F Datasheet HTML 14Page - Microchip Technology PIC16F Datasheet HTML 15Page - Microchip Technology PIC16F Datasheet HTML 16Page - Microchip Technology PIC16F Datasheet HTML 17Page - Microchip Technology PIC16F Datasheet HTML 18Page - Microchip Technology PIC16F Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 15
PIC16F/LF182X/PIC12F/LF1822
4.3.3
LOAD DATA FOR DATA MEMORY
The Load Data for Data Memory command will load a
14-bit “data word” when 16 cycles are applied.
However, the data memory is only 8 bits wide and thus,
only the first 8 bits of data after the Start bit will be
programmed into the data memory. It is still necessary
to cycle the clock the full 16 cycles in order to allow the
internal circuitry to reset properly (see Figure 4-3).
FIGURE 4-3:
LOAD DATA FOR DATA MEMORY COMMAND
4.3.4
READ DATA FROM PROGRAM
MEMORY
The Read Data from Program Memory command will
transmit data bits out of the program memory map
currently accessed, starting with the second rising edge
of the clock input. The ICSPDAT pin will go into Output
mode on the first falling clock edge, and it will revert to
Input mode (high-impedance) after the 16th falling edge
of the clock. If the program memory is code-protected
(CP), the data will be read as zeros (see Figure 4-4).
FIGURE 4-4:
READ DATA FROM PROGRAM MEMORY
ICSPCLK
ICSPDAT
1
23
4
5
6
1
2
15
16
X
0
0
LSb
MSb 0
11
0
0
TDLY
1
2
3
4
5
6
1
2
15
16
LSb
MSb
TDLY
ICSPCLK
ICSPDAT
Input
Input
Output
x
(from Programmer)
X
0
00
1
0
ICSPDAT
(from device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com