Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 15Page - Microchip Technology PIC16F Datasheet HTML 16Page - Microchip Technology PIC16F Datasheet HTML 17Page - Microchip Technology PIC16F Datasheet HTML 18Page - Microchip Technology PIC16F Datasheet HTML 19Page - Microchip Technology PIC16F Datasheet HTML 20Page - Microchip Technology PIC16F Datasheet HTML 21Page - Microchip Technology PIC16F Datasheet HTML 22Page - Microchip Technology PIC16F Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 19
PIC16F/LF182X/PIC12F/LF1822
4.3.11
BULK ERASE PROGRAM MEMORY
The Bulk Erase Program Memory command performs
two different functions dependent on the current state
of the address.
A Bulk Erase Program Memory command should not
be issued when the address is greater than 8008h.
After receiving the Bulk Erase Program Memory
command the erase will not complete until the time
interval, TERAB, has expired.
FIGURE 4-11:
BULK ERASE PROGRAM MEMORY
4.3.12
BULK ERASE DATA MEMORY
To perform an erase of the data memory, after a Bulk
Erase Data Memory command, wait a minimum of
TERAB to complete Bulk Erase.
To erase data memory when data code-protect is active
(CPD = 0), the Bulk Erase Program Memory command
should be used.
After receiving the Bulk Erase Data Memory command,
the erase will not complete until the time interval,
TERAB, has expired.
FIGURE 4-12:
BULK ERASE DATA MEMORY COMMAND
Address 0000h-7FFFh:
Program Memory is erased
Configuration Words are erased
If CPD = 0, Data Memory is erased
Address 8000h-8008h:
Program Memory is erased
Configuration Words are erased
User ID Locations are erased
If CPD = 0, Data Memory is erased
Note:
The code protection Configuration bit (CP)
has no effect on the Bulk Erase Program
Memory command.
12
3
4
5
6
1
2
ICSPCLK
ICSPDAT
3
TERAB
X
1
1
0
0
X
X
X
0
Next Command
Note:
Data memory will not erase if code-
protected (CPD = 0).
12
3
4
5
6
1
2
X
X
1
TERAB
ICSPCLK
ICSPDAT
11
0
Next Command
X
0
Wait a minimum of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com