Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 8Page - Microchip Technology PIC16F Datasheet HTML 9Page - Microchip Technology PIC16F Datasheet HTML 10Page - Microchip Technology PIC16F Datasheet HTML 11Page - Microchip Technology PIC16F Datasheet HTML 12Page - Microchip Technology PIC16F Datasheet HTML 13Page - Microchip Technology PIC16F Datasheet HTML 14Page - Microchip Technology PIC16F Datasheet HTML 15Page - Microchip Technology PIC16F Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 12
Advance Information
 2010 Microchip Technology Inc.
4.0
PROGRAM/VERIFY MODE
In Program/Verify mode, the program memory and the
configuration
memory
can
be
accessed
and
programmed in serial fashion. ICSPDAT and
ICSPCLK are used for the data and the clock,
respectively. All commands and data words are
transmitted LSb first. Data changes on the rising edge
of the ICSPCLK and latched on the falling edge. In
Program/Verify mode both the ICSPDAT and
ICSPCLK are Schmitt Trigger inputs. The sequence
that enters the device into Program/Verify mode
places all other logic into the Reset state. Upon
entering
Program/Verify
mode,
all
I/Os
are
automatically configured as high-impedance inputs
and the address is cleared.
4.1
High-Voltage Program/Verify Mode
Entry and Exit
There are two different methods of entering Program/
Verify mode via high-voltage:
•VPP – First entry mode
•VDD – First entry mode
4.1.1
VPP – FIRST ENTRY MODE
To enter Program/Verify mode via the VPP-first method
the following sequence must be followed:
1.
Hold ICSPCLK and ICSPDAT low. All other pins
should be unpowered.
2.
Raise the voltage on MCLR from 0V to VIHH.
3.
Raise the voltage on VDD FROM 0V to the
desired operating voltage.
The VPP-first entry prevents the device from executing
code prior to entering Program/Verify mode. For
example, when Configuration Word 1 has MCLR
disabled (MCLRE = 0), the power-up time is disabled
(PWRTE = 0), the internal oscillator is selected
(FOSC = 100), and ICSPCLK and ICSPDAT pins are
driven by the user application, the device will execute
code. Since this may prevent entry, VPP-first entry
mode is strongly recommended. See the timing
diagram in Figure 8-2.
4.1.2
VDD – FIRST ENTRY MODE
To enter Program/Verify mode via the VDD-first method
the following sequence must be followed:
1.
Hold ICSPCLK and ICSPDAT low.
2.
Raise the voltage on VDD from 0V to the desired
operating voltage.
3.
Raise the voltage on MCLR from VDD or below
to VIHH.
The VDD-first method is useful when programming the
device when VDD is already applied, for it is not
necessary to disconnect VDD to enter Program/Verify
mode. See the timing diagram in Figure 8-1.
4.1.3
PROGRAM/VERIFY MODE EXIT
To exit Program/Verify mode take MCLR to VDD or
lower (VIL). See Figures 8-3 and 8-4.
4.2
Low-Voltage Programming (LVP)
Mode
The Low-Voltage Programming mode allows the
PIC16F/LF182X and PIC12F/LF1822 devices to be
programmed using VDD only, without high voltage.
When the LVP bit of Configuration Word 2 register is
set to ‘1’, the low-voltage ICSP programming entry is
enabled. To disable the Low-Voltage ICSP mode, the
LVP bit must be programmed to ‘0’. This can only be
done while in the High-Voltage Entry mode.
Entry into the Low-Voltage ICSP Program/Verify modes
requires the following steps:
1.
MCLR is brought to VIL.
2.
A 32-bit key sequence is presented on
ICSPDAT, while clocking ICSPCLK.
The key sequence is a specific 32-bit pattern, '0100
1101 0100 0011 0100 1000 0101 0000' (more
easily remembered as MCHP in ASCII). The device will
enter Program/Verify mode only if the sequence is
valid. The Least Significant bit of the Least Significant
nibble must be shifted in first.
Once the key sequence is complete, MCLR must be
held at VIL for as long as Program/Verify mode is to be
maintained.
For low-voltage programming timing, see Figure 8-8
and Figure 8-9.
Exiting Program/Verify mode is done by no longer
driving MCLR to VIL. See Figure 8-8 and Figure 8-9.
Note:
To enter LVP mode, the LSB of the Least
Significant nibble must be shifted in first.
This differs from entering the key
sequence on other parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com