Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 29Page - Microchip Technology PIC16F Datasheet HTML 30Page - Microchip Technology PIC16F Datasheet HTML 31Page - Microchip Technology PIC16F Datasheet HTML 32Page - Microchip Technology PIC16F Datasheet HTML 33Page - Microchip Technology PIC16F Datasheet HTML 34Page - Microchip Technology PIC16F Datasheet HTML 35Page - Microchip Technology PIC16F Datasheet HTML 36Page - Microchip Technology PIC16F Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 33
PIC16F/LF182X/PIC12F/LF1822
8.1
AC Timing Diagrams
FIGURE 8-1:
PROGRAMMING MODE
ENTRY – VDD FIRST
FIGURE 8-2:
PROGRAMMING MODE
ENTRY – VPP FIRST
FIGURE 8-3:
PROGRAMMING MODE
EXIT – VPP LAST
FIGURE 8-4:
PROGRAMMING MODE
EXIT – VDD LAST
TPINT
Internally timed programming operation time
—
—
—
—
—
—
2.5
5
5
ms
ms
ms
Program memory
Configuration words
EEPROM
TPEXT
Externally timed programming pulse
1.0
—
2.1
ms
TDIS
Time delay from program to compare
(HV discharge time)
100
—
—
s
TEXIT
Time delay when exiting Program/Verify mode
1
—
—
s
TABLE 8-1:
AC/DC CHARACTERISTICS TIMING REQUIREMENTS FOR PROGRAM/VERIFY
AC/DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
 TA +85°C
Sym.
Characteristics
Min.
Typ.
Max.
Units
Conditions/Comments
VPP
TENTH
VDD
TENTS
ICSPDAT
ICSPCLK
VIHH
VIL
TENTH
ICSPDAT
ICSPCLK
VDD
TENTS
VPP
VIHH
VIL
TEXIT
VPP
VDD
ICSPDAT
ICSPCLK
VIHH
VIL
TEXIT
VPP
VDD
ICSPDAT
ICSPCLK
VIHH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com