Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 10Page - Microchip Technology PIC16F Datasheet HTML 11Page - Microchip Technology PIC16F Datasheet HTML 12Page - Microchip Technology PIC16F Datasheet HTML 13Page - Microchip Technology PIC16F Datasheet HTML 14Page - Microchip Technology PIC16F Datasheet HTML 15Page - Microchip Technology PIC16F Datasheet HTML 16Page - Microchip Technology PIC16F Datasheet HTML 17Page - Microchip Technology PIC16F Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 14
Advance Information
 2010 Microchip Technology Inc.
4.3.1
LOAD CONFIGURATION
The Load Configuration command is used to access
the configuration memory (User ID Locations,
Configuration Words, Calibration Words). The Load
Configuration command sets the address to 8000h and
loads the data latches with one word of data (see
Figure 4-1).
After issuing the Load Configuration command, use the
Increment Address command until the proper address
to be programmed is reached. The address is then pro-
grammed by issuing either the Begin Internally Timed
Programming or Begin Externally Timed Programming
command.
The only way to get back to the program memory
(address 0) is to exit Program/Verify mode or issue the
Reset Address command after the configuration memory
has been accessed by the Load Configuration command.
FIGURE 4-1:
LOAD CONFIGURATION
4.3.2
LOAD DATA FOR PROGRAM
MEMORY
The Load Data for Program Memory command is used
to load one 14-bit word into the data latches. The word
programs into program memory after the Begin
Internally Timed Programming or Begin Externally
Timed Programming command is issued (see
Figure 4-2).
FIGURE 4-2:
LOAD DATA FOR PROGRAM MEMORY
X
0
0
LSb
MSb 0
1
23
4
5
6
1
2
15
16
ICSPCLK
ICSPDAT
00
0
0
TDLY
ICSPCLK
ICSPDAT
12
3
4
5
6
12
15
16
X
00
LSb
MSb 0
01
0
0
TDLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com