Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STE100P_06 Datasheet HTML 2Page - STMicroelectronics STE100P_06 Datasheet HTML 3Page - STMicroelectronics STE100P_06 Datasheet HTML 4Page - STMicroelectronics STE100P_06 Datasheet HTML 5Page - STMicroelectronics STE100P_06 Datasheet HTML 6Page - STMicroelectronics STE100P_06 Datasheet HTML 7Page - STMicroelectronics STE100P_06 Datasheet HTML 8Page - STMicroelectronics STE100P_06 Datasheet HTML 9Page - STMicroelectronics STE100P_06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
STE100P
6/31
5
4
3
2
1
mf0
mf1
mf2
mf3
mf4
I
Multi-Function pins. Each mf pin internally drives different configuration
functions. The functions of the five mf inputs are as shown in the table below.
The logic level of mf0-4 will determine the value that the affected bits will have
upon reset of the STE100P. The operating functions of cfg0, cfg1, and fde change
depending on the state of mf0 (Auto-Negotiation enabled or disabled). Table 2
shows the relationship between cfg0, cfg1 and fde.
6fde
I
Full-Duplex Enable.
When A/N is enabled, fde determines full-duplex advertisement capability in
combination with cfg0 and cfg1. (See Table 2)
When A/N is disabled, fde directly affects full-duplex operation and determines
the value of PR0 bit 8 (Full/Half Duplex Mode Select).
When fde is High, full-duplex is enabled and PR0:8 = 1.
When fde is Low, full-duplex is disabled and PR0:8 = 0.
Digital Power Pins
39, 45, 62
vcce, vcce/i
25, 40, 50
gnde, gnde/i
Analog Power Pins
9, 13, 16, 17, 22
vcca
7, 10, 14, 20, 24
gnda
Table 2. Pin Description (continued)
Pin No.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com