Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 20 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STE100P_06 Datasheet HTML 16Page - STMicroelectronics STE100P_06 Datasheet HTML 17Page - STMicroelectronics STE100P_06 Datasheet HTML 18Page - STMicroelectronics STE100P_06 Datasheet HTML 19Page - STMicroelectronics STE100P_06 Datasheet HTML 20Page - STMicroelectronics STE100P_06 Datasheet HTML 21Page - STMicroelectronics STE100P_06 Datasheet HTML 22Page - STMicroelectronics STE100P_06 Datasheet HTML 23Page - STMicroelectronics STE100P_06 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
STE100P
20/31
8
ELECTRICAL SPECIFICATIONS AND TIMINGS
Table 6. Absolute Maximum Ratings
Parameter
Value
Supply Voltage(Vcc)
-0.5 V to 7.0 V
Input Voltage
-0.5 V to VCC + 0.5 V
Output Voltage
-0.5 V to VCC + 0.5 V
Storage Temperature
-65
°C to 150 °C(-85°F to 302°F)
Ambient Temperature
(-40)
°C to +85°C)
ESD Protection
2000V
Table 7. General DC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
General DC
Vcc
Supply Voltage
3.15
3.3
3.45
V
10Base-T Voltage/Current Characteristics
Vida10
Input Differential Accept Peak
Voltage
5MHz ~ 10MHz
585
3100
mV
Vidr10
Input Differential Reject Peak
Voltage
5MHz ~ 10MHz
0
585
mV
Vod10
Output Differential Peak Voltage
2200
2800
mV
Icc10
Supply Current
100% utilization, min. IPG,
Vcc=3.3V, including TX output
driver
90
mA
100Base-TX Voltage/Current Characteristics
Vida100
Input Differential Accept Peak
Voltage
200
1000
mV
Vidr100
Input Differential Reject Peak
Voltage
0
200
mV
Vod100
Output Differential Peak Voltage
950
1050
mV
Icc100
Supply Current
100% utilization, min. IPG,
Vcc=3.3V, including TX output
driver
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com