Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE100P_06 Datasheet HTML 8Page - STMicroelectronics STE100P_06 Datasheet HTML 9Page - STMicroelectronics STE100P_06 Datasheet HTML 10Page - STMicroelectronics STE100P_06 Datasheet HTML 11Page - STMicroelectronics STE100P_06 Datasheet HTML 12Page - STMicroelectronics STE100P_06 Datasheet HTML 13Page - STMicroelectronics STE100P_06 Datasheet HTML 14Page - STMicroelectronics STE100P_06 Datasheet HTML 15Page - STMicroelectronics STE100P_06 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
STE100P
12/31
5
LP10H
Link Partner’s 10Base-T Half Duplex ability.
0: link partner without 10Base-T ability.
1: link partner with 10Base-T ability.
0RO
4~0
LPSF
Link partner select field. Default 00001=IEEE 802.3.
00001
RO
PR6- ANE, Auto-Negotiation expansion
15~5
---
Reserved
0
RO
4
PDF
Parallel detection fault.
0: no fault detected.
1: a fault detected via parallel detection function.
0RO/LH*
3
LPNP
Link Partner’s Next Page ability.
0: link partner without next page ability.
1: link partner with next page ability.
0RO
2
NP
STE100P’s next Page ability.
Always 0, since STE100P without next page ability.
0RO
1
PR
Page Received.
0: no new page has been received.
1: a new page has been received.
0RO/LH*
0
LPAN
Link Partner Auto-Negotiation ability.
0: link partner has no Auto-Negotiation ability.
1: link partner has Auto-Negotiation ability.
0RO
LH = High Latching and cleared by reading.
PR17- XCIIS, XCVR Configuration information and Interrupt Status
15~10
----
Reserved
0
RO
9
SPEED
Configured information of Speed.
0: the speed is 10Mb/s.
1: the speed is 100Mb/s.
1RO
8
DUPLEX
Configured information of Duplex.
0: the duplex mode is half.
1: the duplex mode is full.
0RO
7
PAUSE
Configured information of PAUSE function for flow control.
0: PAUSE function is disabled.
1: PAUSE function is enabled
0RO
6
ANC
Interrupt source of Auto-Negotiation Completed.
0: Auto-Negotiation has not completed yet.
1: Auto-Negotiation has completed.
0RO/LH*
5
RFD
Interrupt source of Remote Fault Detected.
0: there is no remote fault detected.
1: remote fault is detected.
0RO/LH*
4
LS
Interrupt source of Link Fail.
0: link test status is up.
1: link is down.
0RO/LH*
Table 5. Register Descriptions (continued)
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com