Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 2 Page - STMicroelectronics

  STE100P_06 Datasheet HTML 1Page - STMicroelectronics STE100P_06 Datasheet HTML 2Page - STMicroelectronics STE100P_06 Datasheet HTML 3Page - STMicroelectronics STE100P_06 Datasheet HTML 4Page - STMicroelectronics STE100P_06 Datasheet HTML 5Page - STMicroelectronics STE100P_06 Datasheet HTML 6Page - STMicroelectronics STE100P_06 Datasheet HTML 7Page - STMicroelectronics STE100P_06 Datasheet HTML 8Page - STMicroelectronics STE100P_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
STE100P
2/31
2.2
Physical Layer
Integrates the whole Physical layer functions of 100Base-TX and 10Base-T
Provides Full-duplex operation on both 100Mbps and 10Mbps modes
Provides Auto-negotiation(NWAY) function of full/half duplex operation for both 10 and 100 Mbps
Provides MLT-3 transceiver with DC restoration for Base-line wander compensation
Provides transmit wave-shaper, receive filters, and adaptive equalizer
Provides loop-back modes for diagnostic
Builds in Stream Cipher Scrambler/ De-scrambler and 4B/5B encoder/decoder
Supports external transmit transformer with turn ratio 1:1
Supports external receive transformer with turn ratio 1:1
2.3
LED Display
The LED display, consists of five LEDs having the following characteristics:
10 Mbps Speed LED: 10Mbps(on) or 100Mbps(off)
100 Mbps Speed LED: 100Mbps(on) or 10Mbps(off)
TX/RX Activity LED: Blinks at 10Hz when receiving, but not colliding
Link LED: On when a good link is detected, blinks when there is TX or RX activity
Full Duplex / Collision LED: On during Full Duplex operation. Blinks at 20Hz to indicate a collision
2.4
Miscellaneous
Standard 64-pin QFP package pinout
Figure 3. System Diagram of the STE100P Application
Boot ROM
25 MHz
Crystal
RJ-45
STE100P
STEPHY1
Serial
EEPROM
LEDs
MAC
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com