Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 26 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STE100P_06 Datasheet HTML 22Page - STMicroelectronics STE100P_06 Datasheet HTML 23Page - STMicroelectronics STE100P_06 Datasheet HTML 24Page - STMicroelectronics STE100P_06 Datasheet HTML 25Page - STMicroelectronics STE100P_06 Datasheet HTML 26Page - STMicroelectronics STE100P_06 Datasheet HTML 27Page - STMicroelectronics STE100P_06 Datasheet HTML 28Page - STMicroelectronics STE100P_06 Datasheet HTML 29Page - STMicroelectronics STE100P_06 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
STE100P
26/31
Table 8. AC Specifications
Figure 14. Transmit Timing
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Transmit Timing Specification
t1
TX-EN Sampled to CRS High
(100 Mbits/s)
040
ns
TX-EN Sampled to CRS High (10
Mbits/s)
—4
us
t2
TX-EN Sampled to CRS Low
(100 Mbits/s)
0
160
ns
TX-EN Sampled to CRS Low (10
Mbits/s)
1us
t3
Transmit Latency (100 Mbits/s)
60
140
ns
Transmit Latency (10 Mbits/s)
400
ns
t4
Sampled TX-EN Inactive to End
of Frame
(100 Mbits/s)
—
170
ns
Sampled TX-EN Inactive to End
of Frame
(10 Mbits/s)
—
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com