Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 7 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STE100P_06 Datasheet HTML 3Page - STMicroelectronics STE100P_06 Datasheet HTML 4Page - STMicroelectronics STE100P_06 Datasheet HTML 5Page - STMicroelectronics STE100P_06 Datasheet HTML 6Page - STMicroelectronics STE100P_06 Datasheet HTML 7Page - STMicroelectronics STE100P_06 Datasheet HTML 8Page - STMicroelectronics STE100P_06 Datasheet HTML 9Page - STMicroelectronics STE100P_06 Datasheet HTML 10Page - STMicroelectronics STE100P_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
STE100P
5
HARDWARE CONTROL INTERFACE
5.1
Operating Configurations
The Hardware Control Interface consists of the MF<4:0>, CFG <1:0> and FDE input pins as well as the
LED/PAD pins. This interface is used to configure operating characteristics of the STE100P. The Hard-
ware Control Interface provides initial values for the MDIO registers, and then passes control to the MDIO
Interface. Individual chip addressing via the LED/PAD pins allows multiple STE100P devices to share the
MII interface. Table 3 shows how to set up the desired operating configurations using the Hardware Con-
trol Interface.
Table 3. Operating Configurations / Auto-Negotiation Enabled
Note:
If pin 5, MF0 = 0, or ANE (pin MF0 / PR0:12) = 0 (Auto-Negotiation disabled), then PR4 bits 5-8 will contain the default value indicated
in the table describing register PR4.
5.2
LED / PHY Address Interface
The LED output pins can be used to drive LED’s directly, or can be used to provide status information to
a network management device. The active state of each LED output driver is dependent on the logic level
sampled by the corresponding PHY address input upon power-up/reset. For example, if a given PAD input
is resistively pulled low then the corresponding LED output will be configured as an active high driver. Con-
versely, if a given PAD input is resistively pulled high then the corresponding LED output will be configured
as an active low driver. These outputs are standard CMOS drivers and not open-drain.
The STE100P PAD[4:0] inputs provide up to 32 unique PHY address options. An address selection of all
zeros (00000) will result in a PHY isolation condition as a result of power-on/reset, as documented for PR0
bit 10.
(See Section 7 for more detailed descriptions of device operation.)
Desired
Configuration
Input Value
PR4 Register Bits Affected
CFG0
CFG1
FDE
[8] TXF
[7] TXH
[6] 10F
[5] 10H
Advertise All
1
1
1
1
1
1
1
Advertise 100 HD
1
0
0
0
1
0
0
Advertise 100 HD/FD
1
0
1
1
1
0
0
Advertise 10 HD
0
1
0
0
0
0
1
Advertise 10 HD/FD
0
1
1
0
0
1
1
Advertise 10/100 HD
1
1
0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com