Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 14 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STE100P_06 Datasheet HTML 10Page - STMicroelectronics STE100P_06 Datasheet HTML 11Page - STMicroelectronics STE100P_06 Datasheet HTML 12Page - STMicroelectronics STE100P_06 Datasheet HTML 13Page - STMicroelectronics STE100P_06 Datasheet HTML 14Page - STMicroelectronics STE100P_06 Datasheet HTML 15Page - STMicroelectronics STE100P_06 Datasheet HTML 16Page - STMicroelectronics STE100P_06 Datasheet HTML 17Page - STMicroelectronics STE100P_06 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
STE100P
14/31
11, 10
---
reserved
9
ENRLB
Enable remote loop-back function. 1: enable
0: disable
0
R/W
8
ENDCR
Enable DC restoration.
0: disable DC restoration.
1: enable DC restoration.
1R/W
7
ENRZI
Enable the conversions between NRZ and NRZI.
0: disable the data conversion between NRZ and NRZI.
1: enable the data conversion of NRZI to NRZ in receiving and
NRZ to NRZI in transmitting.
1R/W
6
EN4B5B
Enable 4B/5B encoder and decoder
0: the 4B/5B encoder and decoder are bypassed
1: the 4B/5B encoder and decoder are enabled..
1
R/W
5
ISOTX
Transmit Isolation. When 1, isolate from MII and tx+/-. The bit
will be set to one if the PHY address is set to 00000 at power-
up/reset This bit must be 0 for normal operation
0R/W
4~2
CMODE
Reporting of current operation mode of transceiver.
000: in auto-negotiation
001: 10Base-T half duplex
010: 100Base-TX half duplex
011: reserved
100: reserved
101: 10Base-T full duplex
110: 100Base-TX full duplex
111: isolation, auto-negotiation disable
000
RO
1
DISMLT
Disable MLT3.
0: the MLT3 encoder and decoder are enabled.
1: the MLT3 encoder and decoder are bypassed.
0R/W
0
DISCRM
Disable Scramble.
0: the scrambler and de-scrambler is enabled.
1: the scrambler and de-scrambler are disabled.
0R/W
PR20- XMC, XCVR Mode control
15~12
---
Reserved
0
RO
11
LD
Long Distance mode of 10Base-T.
0: normal squelch level.
1: reduces 10Base-T squelch level for extended cable length.
As the length of the cable increases, so does the current.
0R/W
10~8
---
Reserved
0
RO
Table 5. Register Descriptions (continued)
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com