Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 5Page - STMicroelectronics STA015 Datasheet HTML 6Page - STMicroelectronics STA015 Datasheet HTML 7Page - STMicroelectronics STA015 Datasheet HTML 8Page - STMicroelectronics STA015 Datasheet HTML 9Page - STMicroelectronics STA015 Datasheet HTML 10Page - STMicroelectronics STA015 Datasheet HTML 11Page - STMicroelectronics STA015 Datasheet HTML 12Page - STMicroelectronics STA015 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/56
STA015
supported interface. This could be useful, for instance, to process audio data coming from an external
tuner or some other auxiliary source.
MP3 mode
In MP3 Mode (default mode) STA015 decodes the incoming bitstream, acting as a master of the data
communication from the source to itself. This control is done by a specific buffer management,
controlled by STA015 embedded oftware.
The data coming from the serial interface are stored in the input buffer, a 256 bytes long FIFO.
The feedback line DATA_REQ actually is the result of the h/w comparison between the writing address
of the FIFO and the constant value 252. This means that if the buffer is filled up with more than 252
bytes the DATA_REQ line goes low, requesting MCU to stop transmission: the maximum time to stop
transmitting is given by the time required to transmit 4 bytes (this time, in turn, depends on the bitstream
speed used to send MP3 data).
The input interface can receive data with a speed up to 20Mbit/s. The speed at which the FIFO is
emptied is equal to the MP3 nominal bitrate. Provided the FIFO is filled up with 252 bytes the time
required to empty it (in worst condition, which is 320kbit/s mpeg stream) is about 6ms. So if no more
data is received in this time the buffer will be emptied and this will badly affect the output audio.
In this mode the fractional part of the PLL is disabled and the audio clocks are generated at nominal rates.
Fig. 6 describes the default DATA_REQ signal behaviour. Programming STA015 it is possible to invert the
polarity of the DATA_REQ line (register REQ_POL).
In order to allow proper operation of the device in broadcast applications a special BRAODCAST MP3 de-
coding mode is available. When configured in BROADCAST mode the device will operate as a slave de-
coder and no more feedback will be generated to the data source.
The output PCM clock will be automatically adjusted by the embedded DSP in order to follow the incoming
bitstream rate and to avoid input buffer underrun/overrun. A special configuration file must be used to en-
able this operational mode: the file must be downloaded via I2C link after device power-on. Please contact
your local ST branch to have more information about.
Figure 6. DATA_REQ control line
2.4 STA015 Decoding States
There are three different decoder states: Idle, Init, and Decode. Commands to change the decoding
states are described in the STA015 I2C registers description.
Idle Mode
IIn this mode (entered after a S/W or H/W reset) the decoder is waiting for the RUN command. This mode
should be used to initialize the configuration registers of the device. The DAC connected to STA015 can
be initialized during this mode (set MUTE to 1).
MUTE to 1).
PLAY
MUTE
Clock State
PCM Output
X
0
Not Running
0
X
1
Running
0
SOURCE SEND DATA TO STA015
DATA_REQ
SOURCE STOPS TRANSMITTING DATA
SOURCE STOPS TRANSMITTING DATA
D00AU1144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com