Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 45Page - STMicroelectronics STA015 Datasheet HTML 46Page - STMicroelectronics STA015 Datasheet HTML 47Page - STMicroelectronics STA015 Datasheet HTML 48Page - STMicroelectronics STA015 Datasheet HTML 49Page - STMicroelectronics STA015 Datasheet HTML 50Page - STMicroelectronics STA015 Datasheet HTML 51Page - STMicroelectronics STA015 Datasheet HTML 52Page - STMicroelectronics STA015 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
49/56
STA015
Table 2.
PLL Configuration Sequence For
10MHz Input Clock
256 Oversapling Clock
Table 3.
PLL Configuration Sequence For
10MHz Input Clock
384 Oversapling Rathio
Table 4.
PLL Configuration Sequence For
14.31818MHz Input Clock
256 Oversapling Rathio
Table 5.
PLL Configuration Sequence For
14.31818MHz Input Clock
384 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
18
11
reserved
3
97
MFSDF (x)
15
80
MFSDF-441
16
101
PLLFRAC-H
169
82
PLLFRAC-441-H
49
100
PLLFRAC-L
42
81
PLLFRAC-441-L
60
5PLLCTRL
161
REGISTER
ADDRESS
NAME
VALUE
6
reserved
17
11
reserved
3
97
MFSDF (x)
9
80
MFSDF-441
10
101
PLLFRAC-H
110
82
PLLFRAC-441-H
160
100
PLLFRAC-L
152
81
PLLFRAC-441-L
186
5PLLCTRL
161
REGISTER
ADDRESS
NAME
VALUE
6
reserved
12
11
reserved
3
97
MFSDF (x)
15
80
MFSDF-441
16
101
PLLFRAC-H
187
82
PLLFRAC-441-H
103
100
PLLFRAC-L
58
81
PLLFRAC-441-L
119
5
PLLCTRL
161
REGISTER
ADDRESS
NAME
VALUE
6
reserved
11
11
reserved
3
97
MFSDF (x)
6
80
MFSDF-441
7
101
PLLFRAC-H
3
82
PLLFRAC-441-H
157
100
PLLFRAC-L
211
81
PLLFRAC-441-L
157
5
PLLCTRL
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com