Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 28Page - STMicroelectronics STA015 Datasheet HTML 29Page - STMicroelectronics STA015 Datasheet HTML 30Page - STMicroelectronics STA015 Datasheet HTML 31Page - STMicroelectronics STA015 Datasheet HTML 32Page - STMicroelectronics STA015 Datasheet HTML 33Page - STMicroelectronics STA015 Datasheet HTML 34Page - STMicroelectronics STA015 Datasheet HTML 35Page - STMicroelectronics STA015 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
32/56
PCMCONF is used to set the PCM Output Interface configuration:
ORD: PCM order. If this bit is set to’1’, the LS Bit is transmitted first, otherwise MS Bit is transmiited first.
DIF: PCM_DIFF. It is used to select the position of the valid data into the transmitted word. This setting is
significant only in 18/20/24 bit/word mode.If it is set to ’0’ the word is right-padded, otherwise it is left-pad-
ded.
INV (fig.13): It is used to select the LRCKT clock polarity. If it is set to ’1’ the polarity is compliant to I2S
format (low -> left , high -> right), otherwise the LRCKT is inverted.
The default value is ’0’. (if I2S have to be selected, must be set to ’1’ in the TA013 configuration phase).
Figure 19. LRCKT Polarity Selection
FOR: FORMAT is used to select the PCM Output Interface format.
After hw and sw reset the value is set to 0 corresponding to I2S format.
SCL (fig.14): used to select the Transmitter Serial Clock polarity. If set to ’1’ the data are sent on the falling
edge and sampled on the rising. This last option is the most commonly used by the commercial DACs.
The default configuration for this flag is ’0’.
Figure 20. SCKT Polarity Selection
PREC [1:0]: PCM PRECISION
It is used to select the PCM samples precision, as follows:
’00’: 16 bit mode (16 slots transmitted)
’01’: 18 bit mode (32 slots transmitted)
’10’: 20 bit mode (32 slots transmitted)
’11’: 24 bit mode (32 slots transmitted)
The PCM samples precision in STA015 can be 16 or 18-20-24 bits.
When STA015 operates in 16 (18-20-24) bits mode, the number of bits transmitted during a LRCLT period
is 32 (64).
LEFT
LRCKT
LRCKT
INV_LRCLK=1
INV_LRCLK=0
LEFT
RIGHT
RIGHT
LEFT
LEFT
D00AU1192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com