Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 20Page - STMicroelectronics STA015 Datasheet HTML 21Page - STMicroelectronics STA015 Datasheet HTML 22Page - STMicroelectronics STA015 Datasheet HTML 23Page - STMicroelectronics STA015 Datasheet HTML 24Page - STMicroelectronics STA015 Datasheet HTML 25Page - STMicroelectronics STA015 Datasheet HTML 26Page - STMicroelectronics STA015 Datasheet HTML 27Page - STMicroelectronics STA015 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
24/56
HEAD_M[15:8]
HEAD_L[7:0]
Address: 0x43, 0x44, 0x45 (67, 68, 69)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
Head[1:0] emphasis
Head[2] original/copy
Head[3] copyrightHead
[5:4] mode extension
Head[7:6] mode
Head[8] private bit
Head[9] padding bit
Head[11:10] sampling frequency index
Head[15:12] bitrate index
Head[16] protection bit
Head[18:17] layer
Head[19] ID
Head[20] ID_ex
The HEAD registers can be viewed as logically concatenated to store the MPEG Layer III Header content.
The set of three registers is updated every time the synchronisation to the new MPEG frame is achieved
The meaning of the flags are shown in the following tables:
MPEG IDs
Layer
in Layer III these two flags must be set always to "01".
Protection_bit
It equals "1" if no redundancy has been added and "0" if redundancy has been added.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
H15
H14
H13
H12
H11
H10
H9
H8
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
H7
H6
H5
H4
H3
H2
H1
H0
IDex
ID
00
MPEG 2.5
01
reserved
1
0
MPEG 2
1
1
MPEG 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com