Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 27Page - STMicroelectronics STA015 Datasheet HTML 28Page - STMicroelectronics STA015 Datasheet HTML 29Page - STMicroelectronics STA015 Datasheet HTML 30Page - STMicroelectronics STA015 Datasheet HTML 31Page - STMicroelectronics STA015 Datasheet HTML 32Page - STMicroelectronics STA015 Datasheet HTML 33Page - STMicroelectronics STA015 Datasheet HTML 34Page - STMicroelectronics STA015 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
31/56
STA015
4) PCM_DIV = (O_FAC/64) - 1 in 16 bit mode
5) PCM_DIV = (O_FAC/128) - 1 in 32 bit mode
Example for setting:
PCMCONF
Address: 0x55 (85)
Type: R/W
Software Reset: 0x21
Hardware Reset: 0x21
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
0
000
01
1
1
16 bit mode
512 x Fs
0
000
01
0
1
16 bit mode
384 x Fs
0
000
00
1
1
16 bit mode
256 x Fs
0
000
00
1
1
32 bit mode
512 x Fs
0
000
00
1
0
32 bit mode
384 x Fs
0
000
00
0
1
32 bit mode
256 x Fs
for 16 bit PCM Mode
for 32 bit PCM Mode
O_FAC = 512 ; PCM_DIV = 7
O_FAC = 512 ; PCM_DIV = 3
O_FAC = 256 ; PCM_DIV = 3
O_FAC = 256 ; PCM_DIV = 1
O_FAC = 384 ; PCM_DIV = 5
O_FAC = 384 ; PCM_DIV = 2
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
X
ORD
DIF
INV
FOR
SCL
PREC (1)
PREC (1)
X
1
PCM order the LS bit is transmitted First
X
0
PCM order the MS bit is transmitted First
X
0
The word is right aligned
X
1
The word is left aligned
X0
LRCKT Polarity compliant to I2S format
X
1
LRCKT Polarity inverted
X0
I2S format
X
1
Different formats
X
1
Data are sent on the rising edge of SCKT
X
0
Data are sent on the falling edge of SCKT
X
0
0
16 bit mode (16 slots transmitted)
X
0
1
18 bit mode (32 slots transmitted)
X
1
0
20 bit mode (32 slots transmitted)
X
1
1
24 bit mode (32slots transmitted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com