Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 25Page - STMicroelectronics STA015 Datasheet HTML 26Page - STMicroelectronics STA015 Datasheet HTML 27Page - STMicroelectronics STA015 Datasheet HTML 28Page - STMicroelectronics STA015 Datasheet HTML 29Page - STMicroelectronics STA015 Datasheet HTML 30Page - STMicroelectronics STA015 Datasheet HTML 31Page - STMicroelectronics STA015 Datasheet HTML 32Page - STMicroelectronics STA015 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
29/56
STA015
If CRC_EN bit is set, the result of the CRC check is ignored, but the ERROR_CODE register is neverthe-
less affected with the value 0x01 if a discrepance has occurred.
MFSDF_441
Address: 0x50 (80)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
This register contains the value for the PLL X driver for the 44.1KHz reference frequency.
The VCO output frequency, when decoding 44.1KHz bitstream, is divided by (MFSDF_441 +1)
PLLFRAC_441_L
Address: 0x51 (81)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
ADPCM_DATA_READY
Address: 0x52 (82)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
ADR: Adpcm Data Ready
This bit signal ADPCM encoded data are ready to be retrieved.
PLLFRAC_441_H
Address: 0x52 (82)
Type: R/W
Software Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
M4
M3M2M1M0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
ADR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com