Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 21Page - STMicroelectronics STA015 Datasheet HTML 22Page - STMicroelectronics STA015 Datasheet HTML 23Page - STMicroelectronics STA015 Datasheet HTML 24Page - STMicroelectronics STA015 Datasheet HTML 25Page - STMicroelectronics STA015 Datasheet HTML 26Page - STMicroelectronics STA015 Datasheet HTML 27Page - STMicroelectronics STA015 Datasheet HTML 28Page - STMicroelectronics STA015 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
25/56
STA015
Bitrate_index
indicates the bitrate (Kbit/sec) depending on the MPEG ID.
Sampling Frequency
indicates the sampling frequency of the encoded audio signal (KHz) depending on the MPEG ID
Padding bit
if this bit equals ’1’, the frame contains an additional slot to adjust the mean bitrate to the sampling fre-
quency, otherwise this bit is set to ’0’.
Private bit
Bit for private use. This bit will not be used in the future by ISO/IEC.
Mode
Indicates the mode according to the following table. The joint stereo mode is intensity_stereo and/or
ms_stereo.
bitrate index
ID = 1
ID = 0
’0000’
free
free
’0001’
32
8
’0010’
40
16
’0011’
48
24
’0100’
56
32
’0101’
64
40
’0110’
80
48
’0111’
96
56
’1000’
112
64
’1001’
128
80
’1010’
160
96
’1011’
192
112
’1100’
224
128
’1101’
256
144
’1110’
320
160
’1111’
forbidden
forbidden
Sampling Frequency
MPEG1
MPEG2
MPEG2.5
’00’
44.1
22.05
11.03
’01’
48
24
12
’10’
32
16
8
’11’
reserved
reserved
reserved
mode
mode specified
’00’
stereo
’01’
joint stereo (intensity_stereo and/or ms_stereo)
’10’
dual_channel
’11’
single_channel (mono)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com