Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 31Page - STMicroelectronics STA015 Datasheet HTML 32Page - STMicroelectronics STA015 Datasheet HTML 33Page - STMicroelectronics STA015 Datasheet HTML 34Page - STMicroelectronics STA015 Datasheet HTML 35Page - STMicroelectronics STA015 Datasheet HTML 36Page - STMicroelectronics STA015 Datasheet HTML 37Page - STMicroelectronics STA015 Datasheet HTML 38Page - STMicroelectronics STA015 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
35/56
STA015
Address: 0x67, 0x68, 0x69 (103 - 104 - 105)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
The three registers are considered logically concatenated and compose the Global Frame Counter as de-
scribed in the table.
It is updated at every decoded MPEG Frame. The registers are reset on both hardware and software reset.
AVERAGE_BITRATE
Address: 0x6A (106)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
AVERAGE_BITRATE is a read-only register and it contains the average bitrate of the incoming bitstream
divided by two.
The value is rounded with an accuracy of 1 Kbit/sec.
SOFTVERSION
Address: 0x71 (113)
Type: RO
After the STA015 boot, this register contains the version code of the embedded software.
RUN
Address: 0x72 (114)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
Setting this register to 1, STA015 leaves the idle state, starting the decoding process.
The Microcontroller is allowed to set the RUN flag, once all the control registers have been initialized.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AB7
AB6
AB5
AB4
AB3
AB2
AB1
AB0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
SV7
SV6
SV5
SV4
SV3
SV2
SV1
SV0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com