Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
35
ADDR[23:11] — Base Address Field
This field sets the starting address of a particular chip-select’s address space. The address compare
logic uses only the most significant bits to match an address within a block. The value of the base ad-
dress must be a multiple of the block size. The base address register diagrams above show how register
bits correspond to CPU address lines.
BLKSZ[2:0] — Block Size Field
This field determines the size of the block that must be enabled by the chip-select. Table 23 shows bit
encoding for the base address registers block size field.
3.6.4 Option Registers
The option registers contain eight fields that determine timing of and conditions for assertion of chip-
select signals. To assert a chip-select signal, and to provide DSACK or autovector support, other con-
straints set by fields in the option register and in the base address register must also be satisfied.
CSBAR[0:10] — Chip-Select Base Address Registers
$YFFA4C–$YFFA74
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
23
ADDR
22
ADDR
21
ADDR
20
ADDR
19
ADDR
18
ADDR
17
ADDR
16
ADDR
15
ADDR
14
ADDR
13
ADDR
12
ADDR
11
BLKSZ[2:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 23 Block Size Field Bit Encoding
Block Size
Field
Block Size
Address Lines Compared
000
2 Kbyte
ADDR[23:11]
001
8 Kbyte
ADDR[23:13]
010
16 Kbyte
ADDR[23:14]
011
64 Kbyte
ADDR[23:16]
100
128 Kbyte
ADDR[23:17]
101
256 Kbyte
ADDR[23:18]
110
512 Kbyte
ADDR[23:19]
111
1 Mbyte
ADDR[23:20]
CSORBT — Chip-Select Option Register Boot ROM
$YFFA4A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MODE
BYTE[1:0]
R/W[1:0]
STRB
DSACK[3:0]
SPACE[1:0]
IPL[2:0]
AVEC
RESET:
0
1
1
1
1
0
1
1
0
1
1
1
0
0
0
0
CSOR[0:10] — Chip-Select Option Registers
$YFFA4E–YFFA76
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MODE
BYTE[1:0]
R/W[1:0]
STRB
DSACK[3:0]
SPACE[1:0]
IPL[2:0]
AVEC
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com