Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
97
SDATA and SDATB are the data registers associated with SASM channels A and B, respectively. In IC
mode, SDATA and SDATB contain the last captured value. In the OC, OCT and OP modes, SDATA
and SDATB are loaded with the value of the next output compare.
6.10 Double-Action Submodule (DASM)
The double-action submodule (DASM) provides two 16-bit input capture or two 16-bit output compare
functions that can occur automatically without software intervention. The input edge detector is pro-
grammable to cause the capture function to occur on user-specified edges. The output flip flop is set by
one of the output compare signals and reset by the other one. The DASM input capture and the output
compare modes may optionally generate interrupts. Software determines which of the two incoming
time-base buses is used for input captures or output compares.
Six operating modes allow software to use DASM input capture and output compare functions to per-
form pulse-width measurement, period measurement, single pulse generation, and continuous pulse
width modulation, as well as standard input capture and output compare. The DASM can also work as
a single I/O pin. DASM operation is determined by the mode select bit field MODE[3:0] in the DASM
status/interrupt/control (DASMSIC) register. Table 58 shows the different DASM modes of operation.
Table 57 SASM Operating Mode Select
MODE1
MODE2
SASM Channel Operating Mode
0
0
Input capture (IC)
0
1
Output port (OP)
1
0
Output compare (OC)
1
1
Output compare and toggle (OCT)
S12DATA, S14DATA — SASM Data Register A
$YFF462, $YFF472
S18DATA, S24DATA — SASM Data Register A
$YFF492, $YFF4C2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET:
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
S12DATB, S14DATB — SASM Data Register B
$YFF464, $YFF474
S18DATB, S24DATB — SASM Data Register B
$YFF494, $YFF4C4
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET:
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com