Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
85
IARB[2:0] — Interrupt Arbitration Field
This bit field and the IARB3 bit within each submodule provide 15 different interrupt arbitration numbers
that can be used to arbitrate between interrupt requests occurring on the IMB with the same interrupt
priority level.
The IARB field defaults to zero on reset, preventing the module from arbitrating during an IACK cycle.
If no arbitration takes place during the IACK cycle, the SIML generates a spurious interrupt, indicating
to the system that the interrupt arbitration number has not been initialized.
The CTM6 allows two different arbitration numbers to be used by providing each submodule with its own
IARB3 bit (which can be set or cleared in software). Once IARB[2:0] are assigned in the BIUSM, they
apply to all CTM6 interrupt requests. Therefore, CTM6 submodule interrupts can be prioritized with re-
quests from other modules at the same interrupt level. IARB[2:0] are cleared by reset.
Bits[7:6], [4:1] — Not Implemented
TBRS1, TBRS0 — Time Base Register Bus Select Bits
These bits specify which time base bus is accessed when the time base register (BIUTBR) is read. Re-
fer to Table 48.
BIUTEST — BIUSM Test Register
$YFF402
BIUTEST is used during factory testing of the CTM6. Accesses to BIUTEST must be made while the
MCU is in test mode.
BIUTBR is a read-only register used to read the value present on one of the time base buses. The time
base bus being accessed is determined by TBRS1 and TBRS0 in BIUMCR. Writing to BIUTBR has no
effect during normal operation.
6.5 Counter Prescaler Submodule (CPSM)
The counter prescaler submodule (CPSM) is a programmable divider system that provides the CTM6
counters with a choice of six clock signals (PCLKx) derived from the sixth frequency MCU system clock
(fsys). Five of these frequencies are derived from a fixed divider chain. The divide ratio is software se-
lectable from a choice of four divide ratios.
The CPSM is contained within the BIUSM. Figure 19 shows a block diagram of the CPSM.
Table 48 Time Base Register Bus Select Bits
TBRS1
TBRS0
Time Base Bus
0
0
TBB1
0
1
TBB2
1
0
TBB3
1
1
TBB4
BIUTBR — BIUSM Time Base Register
$YFF404
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com